Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP16256-27 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # VP16256-27
Description  Programmable FIR Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP16256-27 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button VP16256-27 Datasheet HTML 6Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 7Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 8Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 9Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 10Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 11Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 12Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 13Page - Mitel Networks Corporation VP16256-27 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
VP16256
(a) Single Filters
32
31
0
127
NOT USED
0
127
64
63
NOT USED
0
127
32
31
64
63
16 TAP
32 TAP
64 TAP
NO SWAP
POSSIBLE
0
127
128 TAP
16
15
LOWER
BANK
UPPER
BANK
LOWER
BANK
UPPER
BANK
LOWER
BANK
UPPER
BANK
(b) Dual Filters
B UPPER
BANK
32
31
0
127
NOT USED
32
31
0
127
64
63
96
95
NOT USED
48
47
0
127
16
15
32
31
64
63
8 TAP
16 TAP
32 TAP
FILTER B
NO SWAP
POSSIBLE
FILTER A
NO SWAP
POSSIBLE
0
127
64
63
64 TAP
A LOWER
B LOWER
A UPPER
B UPPER
A UPPER
BANK
B LOWER
BANK
A LOWER
BANK
A LOWER
B LOWER
A UPPER
B UPPER
Fig. 13 Coefficient memory map
FILTER CONTROL
Two control modes are available selected by input signal
FRUN. In EPROM load mode, when FRUN is tied high the device
will commence operation once the coefficients have been
loaded. The CLKOP signal indicates when new input data is
required and that new results are available, see Fig. 6. In both
EPROM and remote master load modes, when FRUN is tied low
filter operation will not commence until a high has been detected
on signal FEN. This mode allows synchronisation to an existing
data stream. FEN should be taken high when the first valid data
sample is available so that both are read into the device on the
next SCLK rising edge.Proper device operation requires FEN to
be low during control register and coefficient loading both in
EPROM mode and Remote Master mode. After loading
coefficients, filter operation is determined by FRUN and FEN as
described above.
During device reset RES must be held low for a minimum of
16 SCLK cycles. After a reset the control register returns to its
default state of 8C80 HEX. This places the device into the following
mode :
q Single filter
q Sample rate equal to the clock rate
q Non-decimating
q A single device (Not in a cascade chain)
q Bank swap selected by bit in the control register
COEFFICIENT BANK SWAP
A Bank Swap feature is provided which allows all coefficients
to be simultaneously replaced with a different set. A bit in the
Control Register (CR7) allows the swap to be controlled by either
input signal SWAP or Control Register bit (CR6). The latter is
useful if the device is controlled by a microprocessor, when
driving a separate pin would entail additional address decoding
logic and an external latch.
If SWAP or bit CR6 is low, the coefficients used will be those
loaded into the lower banks illustrated in Fig. 13. When the
SWAP or CR6 is high, the upper banks are used.
The actual swap will occur when the next sampling clock
active going transition occurs. This can be up to seven system
clocks later than the swap transition, and is filter length
dependent. The first valid filtered output will then occur after the
pipeline latencies given in Tables 3 and 4.
By setting a bit in the Control Register it is possible to bank


Similar Part No. - VP16256-27

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP16256-27/CG/GH1N ZARLINK-VP16256-27/CG/GH1N Datasheet
459Kb / 19P
   Programmable FIR FIlter
More results

Similar Description - VP16256-27

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
AT76C001 ATMEL-AT76C001 Datasheet
73Kb / 9P
   CBIC Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com