Electronic Components Datasheet Search |
|
NCE0115K Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd |
|
NCE0115K Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd |
2 / 7 page Wuxi NCE Power Semiconductor Co., Ltd Page v1.0 2 NCE0115K Pb Free Product http://www.ncepower.com Thermal Characteristic Thermal Resistance,Junction-to-Case (Note 2) RθJC 3 ℃ /W Electrical Characteristics (TC=25℃unless otherwise noted) Parameter Symbol Condition Min Typ Max Unit Off Characteristics Drain-Source Breakdown Voltage BVDSS VGS=0V ID=250μA 100 110 - V Zero Gate Voltage Drain Current IDSS VDS=100V,VGS=0V - - 1 μA Gate-Body Leakage Current IGSS VGS=±20V,VDS=0V - - ±100 nA On Characteristics (Note 3) Gate Threshold Voltage VGS(th) VDS=VGS,ID=250μA 1.0 1.5 2.5 V Drain-Source On-State Resistance RDS(ON) VGS=10V, ID=10A - 67 80 mΩ Forward Transconductance gFS VDS=5V,ID=5A - 10 - S Dynamic Characteristics (Note4) Input Capacitance Clss - 2000 - PF Output Capacitance Coss - 300 - PF Reverse Transfer Capacitance Crss VDS=50V,VGS=0V, F=1.0MHz - 250 - PF Switching Characteristics (Note 4) Turn-on Delay Time td(on) - 18 - nS Turn-on Rise Time tr - 6.5 - nS Turn-Off Delay Time td(off) - 35 - nS Turn-Off Fall Time tf VDD=50V, RL=6.4Ω VGS=10V,RG=3Ω - 7 - nS Total Gate Charge Qg - 50 nC Gate-Source Charge Qgs - 8 - nC Gate-Drain Charge Qgd VDS=50V,ID=10A, VGS=10V - 16 - nC Drain-Source Diode Characteristics Diode Forward Voltage (Note 3) VSD VGS=0V,IS=15A - - 1.2 V Diode Forward Current (Note 2) IS - - 15 A Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature. 2. Surface Mounted on FR4 Board, t ≤ 10 sec. 3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%. 4. Guaranteed by design, not subject to production 5. EAS condition:Tj=25 ,VDD= ℃ 50V,VG=10V,L=0.5mH,Rg=25Ω |
Similar Part No. - NCE0115K |
|
Similar Description - NCE0115K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |