Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP306 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 5Page - Mitel Networks Corporation VP306 Datasheet HTML 6Page - Mitel Networks Corporation VP306 Datasheet HTML 7Page - Mitel Networks Corporation VP306 Datasheet HTML 8Page - Mitel Networks Corporation VP306 Datasheet HTML 9Page - Mitel Networks Corporation VP306 Datasheet HTML 10Page - Mitel Networks Corporation VP306 Datasheet HTML 11Page - Mitel Networks Corporation VP306 Datasheet HTML 12Page - Mitel Networks Corporation VP306 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
9
VCO
LPF
LPF
SL1710
I/Q DOWN
CONVERT
VP216/7
DUAL ADC
IIN
QIN
SYS_CLK
VCO
LOOP
FILTER
LOOP
FILTER
479.5MHz
PSCAL
CR_VCO
SYM_VCO
VP305/6
14.984375MHz
AGC
LOOP
FILTER
SAW
SP5658
FREQ
SYNTH.
FROM
LNB
MICROPROCESSOR
AGC_OUT
/32
Fig. 2. System Application Diagram.
1.2. The QPSK Demodulator block.
The QPSK demodulator block performs the function of locking the receiver system to the incoming
data stream. It controls the voltage controlled oscillators (VCO) in the SL1710 I/Q down converter
and the VP216/7 dual analog to digital converter (ADC). The carrier frequency VCO is locked to
maintain the intermediate frequency (IF) of 479.5MHz. The symbol frequency VCO synthesiser
loop is locked to the twice the required symbol frequency (in the zero decimation case) and
generates the system clock SYS_CLK which is running at the bit rate.
/32
VCO
LPF
LPF
SYM_RP
SL1710
I/Q DOWN
CONVERT
VP216/7
DUAL ADC
IIN
QIN
SYS_CLK
XTI
VCO
LOOP
FILTER
LOOP
FILTER
479.5MHz
PSCAL
CR_VCO
SYM_VCO
VP305/6
14.984375MHz
CR_RP
SYM_NF
AFC
CR_U/LSWL
CONV
CONV
VCO
SWEEP
GEN
Fig. 3. Carrier and Symbol frequency synthesiser diagram.


Similar Part No. - VP306

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
VP3002A0S SHIELD-VP3002A0S Datasheet
213Kb / 2P
   For electrovalves, receptacle, male
VP3003A0S SHIELD-VP3003A0S Datasheet
213Kb / 2P
   For electrovalves, receptacle, male
logo
Sanyo Semicon Device
VP301 SANYO-VP301 Datasheet
103Kb / 6P
   Ultrahigh Resolution CRT Display Video Output Amplifier
logo
Bothhand USA, LP.
VP3019 BOTHHAND-VP3019 Datasheet
241Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
logo
Texas Instruments
VP3082 TI1-VP3082 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - VP306

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP310 MITEL-VP310 Datasheet
258Kb / 31P
   Satellite Channel Decoder
logo
Zarlink Semiconductor I...
MT312 ZARLINK-MT312 Datasheet
318Kb / 90P
   Satellite Channel Decoder
logo
NXP Semiconductors
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
logo
Panasonic Semiconductor
MN88413 PANASONIC-MN88413 Datasheet
49Kb / 5P
   Channel Decoder LSI for Digital Satellite Broadcast Reception
logo
NXP Semiconductors
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
Broadcom Corporation.
BCM7315 BOARDCOM-BCM7315 Datasheet
104Kb / 2P
   SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
   SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7317 BOARDCOM-BCM7317 Datasheet
132Kb / 2P
   SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com