Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP5311B Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # VP5311B
Description  NTSC/PAL Digital Video Encoder
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5311B Datasheet(HTML) 1 Page - Mitel Networks Corporation

  VP5311B Datasheet HTML 1Page - Mitel Networks Corporation VP5311B Datasheet HTML 2Page - Mitel Networks Corporation VP5311B Datasheet HTML 3Page - Mitel Networks Corporation VP5311B Datasheet HTML 4Page - Mitel Networks Corporation VP5311B Datasheet HTML 5Page - Mitel Networks Corporation VP5311B Datasheet HTML 6Page - Mitel Networks Corporation VP5311B Datasheet HTML 7Page - Mitel Networks Corporation VP5311B Datasheet HTML 8Page - Mitel Networks Corporation VP5311B Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
The VP5311/VP5511 converts digital Y, Cr, Cb, data
into analog NTSC/PAL composite video and S-video signals.
The outputs are capable of driving doubly terminated 75
ohm loads with standard video levels.
The device accepts data inputs complying with CCIR
Recommendation 601 and 656. The data is time multiplexed
on an 8 bit bus at 27MHz and is formatted as Y, Cr, Y, Cb
(i.e. 4:2:2). The video blanking and sync information from
REC 656 is included in the data stream when the VP5311/
VP5511 is working in slave mode.
The output pixel rate is 27MHz and the input pixel rate
is half this frequency, i.e. 13.5MHz.
All necessary synchronisation signals are generated
internally when the device is operating in master mode. In
slave mode the device will lock to the TRS codes or the HS
and VS inputs.
The rise and fall times of sync, burst envelope and
video blanking are internally controlled to be within
composite video specifications.
Three digital to analog converters (DACs) are used to
convert the digital luminance, chrominance and composite
data into true analog signals. An internally generated
reference voltage provides the biasing for the DACs.
PIN
FUNCTION
PIN
FUNCTION
1
VDD
33
VDD
2
GND
34
RESET
3
D0 (VS I/O)
35
REFSQ
4
D1 (HS I/O)
36
GND
5
D2 (FC0 O/P)
37
VDD
6
D3 (FC1 O/P)
38
GND
7
D4 (FC2 O/P)
39
PD7
8
D5
40
PD6
9
D6 (SCSYNC I/P)
41
PD5
10
D7 (PALID I/P)
42
PD4
11
GND
43
PD3
12
VDD
44
PD2
13
GND
45
PD1
14
GND
46
PD0
15
PXCK
47
GND
16
VDD
48
VDD
17
CLAMP
49
AGND
18
COMPSYNC
50
VREF
19
GND
51
DACGAIN
20
VDD
52
COMP
21
TDO
53
AVDD
22
TDI
54
LUMAOUT
23
TMS
55
AGND
24
TCK
56
COMPOUT
25
GND
57
AGND
26
SA1
58
CHROMAOUT
27
SA2
59
AVDD
28
SCL
60
N/C
29
VDD
61
N/C
30
SDA
62
AVDD
31
GND
63
AVDD
32
VDD
64
N/C
Figure 1 Pin connections (top view)
GP64
PIN 64
PIN 1
FEATURES
s Converts Y, Cr, Cb data to analog composite video and
S-video
s Supports CCIR recommendations 601 and 656
s All digital video encoding
s Selectable master/slave mode for sync signals
s Switchable chrominance bandwidth
s Switchable pedestal with gain compensation
s SMPTE 170M NTSC or CCIR 624 PAL compatible
outputs
s GENLOCK mode
s Line 21 Closed Caption encoding
s I2C bus serial microprocessor interface
s VP5311B supports Macrovision anti-taping format Rev.
6.1, in PAL and Rev. 7.01 in NTSC.
APPLICATIONS
s Digital Cable TV
s Digital Satellite TV
s Multi-media
s Video games
s Karaoke
s Digital VCRs
ORDERING INFORMATION
VP5311B/CG/GP1N
VP5511B/CG/GP1N
VP5311B/VP5511B
NTSC/PAL Digital Video Encoder
Advance Information
Supersedes DS4575 1.5 May 1997 version
DS4575 - 2.2 October 1998


Similar Part No. - VP5311B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP5311B ZARLINK-VP5311B Datasheet
289Kb / 17P
   NTSC/PAL Digital Video Encoder
VP5311B/CG/GP1N ZARLINK-VP5311B/CG/GP1N Datasheet
289Kb / 17P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - VP5311B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com