Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL102B Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # WL102B
Description  Wireless Data Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL102B Datasheet(HTML) 4 Page - Mitel Networks Corporation

  WL102B Datasheet HTML 1Page - Mitel Networks Corporation WL102B Datasheet HTML 2Page - Mitel Networks Corporation WL102B Datasheet HTML 3Page - Mitel Networks Corporation WL102B Datasheet HTML 4Page - Mitel Networks Corporation WL102B Datasheet HTML 5Page - Mitel Networks Corporation WL102B Datasheet HTML 6Page - Mitel Networks Corporation WL102B Datasheet HTML 7Page - Mitel Networks Corporation WL102B Datasheet HTML 8Page - Mitel Networks Corporation WL102B Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
WL102
Advance Information
WL102 System Overview
The WL102 is a highly integrated digital wireless
transceiver controller suitable for controlling multiple
channel radios with data rates up to 1Mbit/s 2-level data or
2Mbit/s 4-level data. It has been designed to interface easily
with the WL600 and WL800 radio transceiver chips.
The use of low power synchronous on chip RAM and
selective power down of system blocks makes the WL102
ideally suited to power sensitive applications. Also the
WL102 can be operated from 3V or 5V supply rails with level
translation between the Host and MAC system built in to the
Host Interface. A minimum configuration of the WL102 with
a 64Kbyte external ROM for code storage makes it ideal for
small footprint applications, and the option of 100 pin or 144
pin TQFP 1mm packages make it suitable for PC-Card
applications.
The 100 pin package option allow the WL102 to be used in
the lowest cost solution. This includes all the internal blocks
of the WL102 hardware plus the option of an external
processor, to replace the internal 8051 core, and the
external system RAM and / or other peripherals on the
processor bus. The 144 pin package includes the 100 pin
features plus the option of using an external data buffer
RAM (up to 64K), to replace the internal 6.4K buffer RAM,
and the option of using the parallel synthesiser load pins the
are active in DE6003 mode of the CCB block, the Datasheet
DS4837 should be checked for further information on this
option.
It is envisaged that the WL102 hardware will allow the
development of a wireless network to the Media Access
Layer of the IEEE model for networking, with the addition
of an LLC layer providing the equivalent of the Data Link
layer of the ISO network model. In such a system the Host
interface buffer RAM would provide the boundary between
the LLC layer running on the Host and the MAC layer on the
internal WL102 8051 processor, or an optional external
MAC system processor.
Figure 1 shows the internal architecture of the WL102.
The WL102 provides an interface between a Host system,
such as a PC or PDA, which can be a PC-Card interface or
an 8 bit microprocessor bus, and an interface designed for
use with the DE6038 (WL600/WL800) radio transceiver.
The host interface provides a buffer and interrupt signalling
mechanisms between the Host and Mac system
processors. The MAC system processor is required to
provide the timing and control functions of Media Access
Control.
The Communications Control Block performs transmit and
receive operations directly to the buffer RAM so minimising
the load on the MAC system processor. A minimum
controller system configuration would be the WL102 plus
an external code memory device.
WL102 Hardware Blocks
System Processor
The WL102 contains an embedded processor, identical in
operation to an industry standard 8051 microcontroller,
with the exception that the internal data memory is
increased from 128 to 256 bytes.
System busses and strobes allow the 8051 to access the
full 64 Kbytes of external code memory. Internal
connections exist to the processor's two interrupt inputs,
and to the two timer inputs. Two I/O port pins are internally
connected to blocks within the WL102, whilst four of the
remaining I/O port pins are brought out to external pins,
including the serial receive and transmit port pins. Internal
address decoding provides access to the other blocks of
the device, with 36 Kbytes of the processor's 64 Kbytes
address range being unassigned and available for the
addition of external peripheral devices.
The 8051 demultiplexed address and data bus are
available externally to allow for the addition of extra
memory or other peripheral devices.
The 8051 is clocked at the internal system clock frequency
of 10MHz.
If additional processing power is required for a particular
application the WL102 may also be used with an external
processor instead of the internal 8051. This external
processor also accesses the WL102 blocks via the internal
address decode. Interrupt and Counter outputs are
brought to external pins and two control signals must also
be provided to the WL102.
Data RAM
The WL102 contains 4 Kbytes of static RAM which the
processor may use for variable storage etc. If additional
storage space is required, an external static RAM may also
be used, and mapped to an unused area of the WL102
memory map.


Similar Part No. - WL102B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
   Wireless Data Controller
WL102B/IG/TP1N ZARLINK-WL102B/IG/TP1N Datasheet
369Kb / 10P
   Wireless Data Controller
WL102BC/PR/FP1R ZARLINK-WL102BC/PR/FP1R Datasheet
369Kb / 10P
   Wireless Data Controller
More results

Similar Description - WL102B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
   Wireless Data Controller
logo
SHENZHEN KYL COMMUNICAT...
KYL-600M KYL-KYL-600M Datasheet
308Kb / 4P
   Wireless Data/AudioModule
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
   Wireless Data Transceiver
logo
Cirrus Logic
CS22250 CIRRUS-CS22250 Datasheet
253Kb / 32P
   WIRELESS 10BT CONTROLLER
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
   Wireless LAN Controller
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
   Wireless Network Controller
2015
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
logo
Vaisala
CWL100 VAISALA-CWL100 Datasheet
488Kb / 3P
   Cloud Wireless Data Logger
logo
Cirrus Logic
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
   WIRELESS PCI/USB CONTROLLER
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com