Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM74101 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SM74101
Description  SM74101 Tiny 7A MOSFET Gate Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM74101 Datasheet(HTML) 5 Page - Texas Instruments

  SM74101 Datasheet HTML 1Page - Texas Instruments SM74101 Datasheet HTML 2Page - Texas Instruments SM74101 Datasheet HTML 3Page - Texas Instruments SM74101 Datasheet HTML 4Page - Texas Instruments SM74101 Datasheet HTML 5Page - Texas Instruments SM74101 Datasheet HTML 6Page - Texas Instruments SM74101 Datasheet HTML 7Page - Texas Instruments SM74101 Datasheet HTML 8Page - Texas Instruments SM74101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SM74101
www.ti.com
SNOSBA2B – JULY 2011 – REVISED MAY 2015
Electrical Characteristics (continued)
Over operating junction temperature range, VCC = 12 V, INB = IN_REF = VEE = 0V, No Load on output, unless otherwise
specified.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VthL
Low Threshold
0.8
1.35
2.0
V
HYS
Input Hysteresis
400
mV
IIL
Input Current Low
IN = INB = 0V
-1
0.1
1
µA
IIH
Input Current High
IN = INB = VCC
-1
0.1
1
µA
OUTPUT DRIVER
ROH
Output Resistance High
IOUT = -10mA
(1)
30
50
ROL
Output Resistance Low
IOUT = 10mA
(1)
1.4
2.5
ISOURCE
Peak Source Current
OUT = VCC/2, 200ns pulsed current
3
A
ISINK
Peak Sink Current
OUT = VCC/2, 200ns pulsed current
7
A
LATCHUP PROTECTION
AEC–Q100, METHOD 004
TJ = 150°C
500
mA
(1)
The output resistance specification applies to the MOS device only. The total output current capability is the sum of the MOS and
Bipolar devices.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay Time Low to
td1
High,
CLOAD = 2 nF, see Figure 11 and Figure 12
25
40
ns
IN/ INB rising ( IN to OUT)
Propagation Delay Time High to
td2
Low,
CLOAD = 2 nF, see Figure 11 and Figure 12
25
40
ns
IN / INB falling (IN to OUT)
tr
Rise time
CLOAD = 2 nF , see Figure 11 and Figure 12
14
ns
tf
Fall time
CLOAD = 2 nF , see Figure 11 and Figure 12
12
ns
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SM74101


Similar Part No. - SM74101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM74104 TI-SM74104 Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104MA/NOPB TI-SM74104MA/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104MAX/NOPB TI-SM74104MAX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104SD/NOPB TI-SM74104SD/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104SDX/NOPB TI-SM74104SDX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
More results

Similar Description - SM74101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI1-LM5112 Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SD TI1-LM5112SD Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Maxim Integrated Produc...
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com