Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5661AIPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS5661AIPWRG4
Description  DIGITAL-TO-ANALOG CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661AIPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS5661AIPWRG4 Datasheet HTML 7Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 8Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 9Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 10Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 11Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 12Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 13Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 14Page - Texas Instruments THS5661AIPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
THS5661A
12BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS247B − NOVEMBER 1999 REVISED SEPTEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
48
54
60
66
72
78
2468
10
12
14
16
18
20
SPURIOUS FREE DYNAMIC RANGE
vs
FULL-SCALE OUTPUT CURRENT AT 100 MSPS
IOUTFS −Full Scale Output Current − mA
Fout = 2.5 MHz
Fout = 10 MHz
Fout = 28.6 MHz
Fout = 40 MHz
DVDD = 5 V
Figure 18
36
42
48
54
60
66
72
78
84
0
5
10
15
20
25
30
35
40
45
50
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 100 MSPS
Fout Output Frequency− MHz
Differential @ −6 dBFS
Single-ended @ 0 dBFS
Single-ended
@ −6 dBFS
Differential @ 0 dBFS
DVDD = 5 V
Figure 19
48
54
60
66
72
78
−40
−20
0
20
40
60
80
SPURIOUS FREE DYNAMIC RANGE
vs
TEMPERATURE AT 70 MSPS
TA Temperature− °C
Fout = 2 MHz
Fout = 10 MHz
Fout = 25 MHz
DVDD = 5 V
†AV
DD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load, TA = 25°C (unless otherwise
noted.)


Similar Part No. - THS5661AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661AIPW TI-THS5661AIPW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com