Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5661A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS5661A
Description  DIGITAL-TO-ANALOG CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661A Datasheet(HTML) 3 Page - Texas Instruments

  THS5661A Datasheet HTML 1Page - Texas Instruments THS5661A Datasheet HTML 2Page - Texas Instruments THS5661A Datasheet HTML 3Page - Texas Instruments THS5661A Datasheet HTML 4Page - Texas Instruments THS5661A Datasheet HTML 5Page - Texas Instruments THS5661A Datasheet HTML 6Page - Texas Instruments THS5661A Datasheet HTML 7Page - Texas Instruments THS5661A Datasheet HTML 8Page - Texas Instruments THS5661A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
THS5661A
12BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS247B − NOVEMBER 1999 REVISED SEPTEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
20
I
Analog ground return for the internal analog circuitry
AVDD
24
I
Positive analog supply voltage (3 V to 5.5 V)
BIASJ
18
O
Full-scale output current bias
CLK
28
I
External clock input. Input data latched on rising edge of the clock.
COMP1
19
I
Compensation and decoupling node, requires a 0.1
µF capacitor to AVDD.
COMP2
23
I
Internal bias node, requires a 0.1
µF decoupling capacitor to AGND.
D[11:0]
[1:12]
I
Data bits 0 through 11.
D11 is most significant data bit (MSB), D0 is least significant data bit (LSB).
DGND
26
I
Digital ground return for the internal digital logic circuitry
DVDD
27
I
Positive digital supply voltage (3 V to 5.5 V)
EXTIO
17
I/O
Used as external reference input when internal reference is disabled (i.e., EXTLO = AVDD). Used as internal
reference output when EXTLO = AGND, requires a 0.1
µF decoupling capacitor to AGND when used as reference
output.
EXTLO
16
O
Internal reference ground. Connect to AVDD to disable the internal reference source.
IOUT1
22
O
DAC current output. Full scale when all input bits are set 1
IOUT2
21
O
Complementary DAC current output. Full scale when all input bits are 0
MODE
25
I
Mode select. Internal pulldown. Mode 0 is selected if this pin is left floating or connected to DGND. See
timing diagram.
NC
[13:14]
N
No connection
SLEEP
15
I
Asynchronous hardware power down input. Active high. Internal pulldown. Requires 5
µs to power down but 3 ms
to power up.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, AVDD (see Note 1)
−0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD (see Note 2)
−0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage between AGND and DGND
−0.3 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, AVDD to DVDD
−6.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CLK, SLEEP, MODE (see Note 2)
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . .
Digital input D11−D0 (see Note 2)
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . .
IOUT1, IOUT2 (see Note 1)
−1 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
COMP1, COMP2 (see Note 1)
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . .
EXTIO, BIASJ (see Note 1)
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
EXTLO (see Note 1)
−0.3 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current (any input)
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak total input current (all inputs)
−30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: THS5661AI
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Measured with respect to AGND.
2. Measured with respect to DGND.


Similar Part No. - THS5661A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661ADW TI-THS5661ADW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIDW TI-THS5661AIDW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIPW TI-THS5661AIPW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661APW TI-THS5661APW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com