Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5628I Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5628I
Description  OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5628I Datasheet(HTML) 1 Page - Texas Instruments

  TLC5628I Datasheet HTML 1Page - Texas Instruments TLC5628I Datasheet HTML 2Page - Texas Instruments TLC5628I Datasheet HTML 3Page - Texas Instruments TLC5628I Datasheet HTML 4Page - Texas Instruments TLC5628I Datasheet HTML 5Page - Texas Instruments TLC5628I Datasheet HTML 6Page - Texas Instruments TLC5628I Datasheet HTML 7Page - Texas Instruments TLC5628I Datasheet HTML 8Page - Texas Instruments TLC5628I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLC5628C, TLC5628I
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS089E – NOVEMBER 1994 – REVISED APRIL 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Eight 8-Bit Voltage Output DACs
D 5-V Single-Supply Operation
D Serial Interface
D High-Impedance Reference Inputs
D Programmable 1 or 2 Times Output Range
D Simultaneous Update Facility
D Internal Power-On Reset
D Low-Power Consumption
D Half-Buffered Output
applications
D Programmable Voltage Sources
D Digitally Controlled Amplifiers/Attenuators
D Mobile Communications
D Automatic Test Equipment
D Process Monitoring and Control
D Signal Synthesis
description
The TLC5628C and TLC5628I are octal 8-bit voltage output digital-to-analog converters (DACs) with buffered
reference inputs (high impedance). The DACs produce an output voltage that ranges between either one or two
times the reference voltages and GND and are monotonic. The device is simple to use, running from a single
supply of 5 V. A power-on reset function is incorporated to ensure repeatable start-up conditions.
Digital control of the TLC5628C and TLC5628I are over a simple three-wire serial bus that is CMOS compatible
and easily interfaced to all popular microprocessor and microcontroller devices. The 12-bit command word
comprises eight bits of data, three DAC select bits, and a range bit, the latter allowing selection between the
times 1 or times 2 output range. The DAC registers are double buffered, allowing a complete set of new values
to be written to the device, then all DAC outputs are updated simultaneously through control of LDAC. The digital
inputs feature Schmitt triggers for high-noise immunity.
The 16-terminal small-outline (D) package allows digital control of analog functions in space-critical
applications. The TLC5628C is characterized for operation from 0
°C to 70°C. The TLC5628I is characterized
for operation from – 40
°C to 85°C. The TLC5628C and TLC5628I do not require external trimming.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DW)
PLASTIC DIP
(N)
0
°C to 70°C
TLC5628CDW
TLC5628CN
–40
°C to 85°C
TLC5628IDW
TLC5628IN
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DACB
DACA
GND
DATA
CLK
VDD
DACE
DACF
DACC
DACD
REF1
LDAC
LOAD
REF2
DACH
DACG
N OR DW PACKAGE
(TOP VIEW)


Similar Part No. - TLC5628I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5628I TI-TLC5628I Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628IDW TI-TLC5628IDW Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628IN TI-TLC5628IN Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5628I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628C TI1-TLV5628C_08 Datasheet
416Kb / 18P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com