Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7524C Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC7524C
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7524C Datasheet(HTML) 1 Page - Texas Instruments

  TLC7524C_15 Datasheet HTML 1Page - Texas Instruments TLC7524C_15 Datasheet HTML 2Page - Texas Instruments TLC7524C_15 Datasheet HTML 3Page - Texas Instruments TLC7524C_15 Datasheet HTML 4Page - Texas Instruments TLC7524C_15 Datasheet HTML 5Page - Texas Instruments TLC7524C_15 Datasheet HTML 6Page - Texas Instruments TLC7524C_15 Datasheet HTML 7Page - Texas Instruments TLC7524C_15 Datasheet HTML 8Page - Texas Instruments TLC7524C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLC7524C, TLC7524E, TLC7524I
8BIT MULTIPLYING DIGITALTOANALOG CONVERTERS
SLAS061D − SEPTEMBER 1986 − REVISED JUNE 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Easily Interfaced to Microprocessors
D On-Chip Data Latches
D Monotonic Over the Entire A/D Conversion
Range
D Segmented High-Order Bits Ensure
Low-Glitch Output
D Interchangeable With Analog Devices
AD7524, PMI PM-7524, and Micro Power
Systems MP7524
D Fast Control Signaling for Digital
Signal-Processor Applications Including
Interface With TMS320
D CMOS Technology
KEY PERFORMANCE SPECIFICATIONS
Resolution
Linearity error
Power dissipation at VDD = 5V
Setting time
Propagation delay time
8 Bits
1/2LSB Max
5mW Max
100ns Max
80ns Max
description
The TLC7524C, TLC7524E, and TLC7524I are
CMOS, 8-bit, digital-to-analog converters (DACs)
designed for easy interface to most popular
microprocessors.
The devices are 8-bit, multiplying DACs with input latches and load cycles similar to the write cycles of a random
access memory. Segmenting the high-order bits minimizes glitches during changes in the most significant bits,
which produce the highest glitch impulse. The devices provide accuracy to 1/2LSB without the need for thin-film
resistors or laser trimming, while dissipating less than 5mW typically.
Featuring operation from a 5V to 15V single supply, these devices interface easily to most microprocessor buses
or output ports. The 2- or 4-quadrant multiplying makes these devices an ideal choice for many
microprocessor-controlled gain-setting and signal-control applications.
The TLC7524C is characterized for operation from 0
°C to 70°C. The TLC7524I is characterized for operation
from −25
°C to +85°C. The TLC7524E is characterized for operation from −40°C to +85°C.
Copyright
 1998−2007, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT1
OUT2
GND
DB7
DB6
DB5
DB4
DB3
RFB
REF
VDD
WR
CS
DB0
DB1
DB2
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
VDD
WR
NC
CS
DB0
GND
DB7
NC
DB6
DB5
FN PACKAGE
(TOP VIEW)
NC−No internal connection
D, N, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLC7524C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524CD TI-TLC7524CD Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CD TI1-TLC7524CD Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDG4 TI1-TLC7524CDG4 Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDR TI1-TLC7524CDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDRG4 TI1-TLC7524CDRG4 Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7524C_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com