Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1574ETB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1574ETB
Description  180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1574ETB Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1574ETB Datasheet HTML 1Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 2Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 3Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 4Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 5Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 6Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 7Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 8Page - Maxim Integrated Products MAX1574ETB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX1574 charge pump drives up to three white
LEDs with regulated constant current for uniform inten-
sity. By utilizing adaptive 1x/2x charge-pump modes
and very-low-dropout current regulators, it achieves
180mA output drive capability and high efficiency over
the 1-cell lithium-battery input voltage range. Fixed-fre-
quency switching of 1MHz allows for tiny external com-
ponents, and the regulation scheme is optimized to
ensure low EMI and low input ripple.
1x to 2x Switchover
When VIN is higher than VOUT, the MAX1574 operates in
1x mode and VOUT is pulled up to VIN. The internal cur-
rent regulators regulate the LED current. As VIN drops,
VLED_ eventually falls below the switchover threshold of
130mV, and the MAX1574 starts switching in 2x mode.
When the input voltage rises above VOUT by approxi-
mately 50mV, the MAX1574 switches back to 1x mode.
Soft-Start
The MAX1574 includes soft-start circuitry to limit inrush
current at turn-on. When starting up, the output capacitor
is charged directly from the input with a ramped current
source (with no charge-pump action) until the output volt-
age approaches the input voltage. Once this occurs, the
charge pump determines if 1x or 2x mode is required. In
the case of 1x mode, the soft-start is terminated and nor-
mal operation begins. During the soft-start time, the out-
put current is set to 5% of the maximum set by RSET. In
the case of 2x mode, soft-start operates until the lowest of
LED1 to LED3 reaches regulation. If an overload condi-
tion occurs, soft-start repeats every 2.1ms. If the output is
shorted to ground, the output current is limited by the
MAX1574 switching technique.
Setting the Output Current
The LED current at full brightness is set by a resistor,
RSET, as follows:
EN Dimming Control
When the LEDs are enabled by driving EN high, the
MAX1574 goes through soft-start, bringing the LED cur-
rent up to ILED_. Dimming is then done by pulsing EN
low (500ns to 500µs pulse width). Each pulse reduces
the LED current by 10%, so after one pulse the LED cur-
rent is 0.9 x ILED. The tenth pulse reduces the current by
5%, so the ILED_ current reduces from 0.1 x ILED_ to 0.05
x ILED. The eleventh pulse sets the LED current back to
ILED_. Figure 1 shows a timing diagram for EN.
If dimming control is not required, EN works as a simple
on/off control. Drive EN high to enable the LEDs, or
drive EN low for shutdown.
Shutdown Mode
When EN is held low for 2ms or longer, the MAX1574
is shut down and put in a low-current mode. OUT is
internally pulled to GND with 5kΩ during shutdown.
Overvoltage Protection
If any LED fails as an open circuit, the output voltage is
limited to about 5V by gating on/off the charge pump.
If any LED_ is floating or grounded, the MAX1574 oper-
ates in the same overvoltage-protection mode. To avoid
overvoltage-protection mode when using fewer than
three LEDs, connect any unused LED_ to IN (Figure 3).
Thermal Shutdown
The MAX1574 includes a thermal-limit circuit that shuts
down the IC at approximately +160°C. The part turns on
after the IC cools by approximately 20°C.
R
V
I
SET
LED
.
_
=
×
06
393
180mA, 1x/2x, White LED Charge Pump
in 3mm x 3mm TDFN
6
_______________________________________________________________________________________
EN
ILED_
SHDN
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
5%
100% 90%
SHDN
2ms (typ)
1
11
10
9
8
7
6
5
4
3
2
tLO
tHI
tSHDN
≥ 500ns
500ns TO 500µs
0
tSOFT-START
INITIAL tHI
≥ 50µs
Figure 1. EN Timing Diagram


Similar Part No. - MAX1574ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX1574ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8630Y MAXIM-MAX8630Y Datasheet
249Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 1; 2/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8608Y MAXIM-MAX8608Y Datasheet
400Kb / 11P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 10/05
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com