Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7628C Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC7628C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7628C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7628C_15 Datasheet HTML 2Page - Texas Instruments TLC7628C_15 Datasheet HTML 3Page - Texas Instruments TLC7628C_15 Datasheet HTML 4Page - Texas Instruments TLC7628C_15 Datasheet HTML 5Page - Texas Instruments TLC7628C_15 Datasheet HTML 6Page - Texas Instruments TLC7628C_15 Datasheet HTML 7Page - Texas Instruments TLC7628C_15 Datasheet HTML 8Page - Texas Instruments TLC7628C_15 Datasheet HTML 9Page - Texas Instruments TLC7628C_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLC7628C
DUAL 8BIT MULTIPLYING
SLAS063B − APRIL 1989 − REVISED MARCH 2007
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
8
17
DGND
5
16
15
6
7
14
VDD
WR
CS
DACB
DACA/
DB7
DBO
VI(B)
±10 V
R3 (see Note A)
REFB
8
88
REFA
RFBA
OUTA
AGND
OUTB
RFBA
C1(see Note C)
A1
R4 (see Note A)
C2
(see Note C)
AGND
A3
5 k
R12
R10
20 k
(see Note B)
(see
Note B)
R9
10 k
R8
20 k
A4
VOB
(see
Note B)
5 k
R11
10 k
R7
A2
VOA
20 k
R5
20 k
R6 (see Note B)
R2 (see Note A)
R1 (see Note A)
±10 V
VI(A)
RECOMMENDED TRIM
RESISTOR VALUES
R1, R3
R2, R4
500
150
Control
Logic
Input
Buffer
Latch
DACA
Latch
DACB
NOTES: A. R1, R2, R3, and R4 are used only if gain adjustment is required. See table for recommended values. Adjust R1 for VOA = 0 V with
code 10000000 in DACA latch. Adjust R3 for VOB = 0 V with 10000000 in DACB latch.
B. Matching and tracking are essential for resistor pairs R6, R7, R9, and R10.
C. C1 and C2 phase compensation capacitors (10 pF to 15 pF) may be required if A1 and A3 are high-speed amplifiers.
Figure 3. Bipolar Operation (4-Quadrant Operation)
A + 1
A
A8−A15
CPU
8051
WR
ALE
TLC7628
DACA/DACB
CS
WR
DB0
DB7
AD0−AD7
Data Bus
Address Bus
Latch
Address
Decode
Logic
NOTE D: A = decoded address for TLC7628 DACA
A + 1 = decoded address for TLC7628 DACB
Figure 4. TLC7628 — Intel 8051 Interface


Similar Part No. - TLC7628C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - TLC7628C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
NTE Electronics
NTE2056 NTE-NTE2056 Datasheet
23Kb / 3P
   Integrated Circuit 8-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com