Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2511 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G2511
Description  Power Supply for TFT-LCD Panels with 6-Channel White LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2511 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G2511 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G2511 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.1
Oct 25, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G2511
Global Mixed-mode Technology
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2511RG1U
2511
-40°C to +85°C
TQFN5X5-40
Note: RG:TQFN5x5-40
1: Bonding code
U: Tape & Reel
Pin Configuration
AVDD
CS5
CS4
CS2
CS1
MODE
OVPB
PGNDB
LXB
1
2
3
4
5
6
7
8
9
10
PGND
VIN
LDOI
LDOO
ENA
OPAO
OPAI
G2511 TQFN5X5-40
Thermal
Pad
30
29
28
27
26
25
24
23
22
21
CS3
LX
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
CS6
ADJ
AVDD
CS5
CS4
CS2
CS1
MODE
OVPB
PGNDB
LXB
1
2
3
4
5
6
7
8
9
10
PGND
VIN
LDOI
LDOO
ENA
OPAO
OPAI
G2511 TQFN5X5-40
Thermal
Pad
30
29
28
27
26
25
24
23
22
21
CS3
LX
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
CS6
ADJ


Similar Part No. - G2511

ManufacturerPart #DatasheetDescription
logo
Powerbox
G25 POWERBOX-G25 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
G25 XPPOWER-G25 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Weidmuller
G25 WEIDMULLER-G25 Datasheet
240Kb / 4P
   Spring connection with tension clamp Technology
17.04.2020
logo
ORION FANS
G25-2 ORIONFANS-G25-2 Datasheet
121Kb / 1P
   Fan Guards
logo
List of Unclassifed Man...
G250 ETC2-G250 Datasheet
114Kb / 1P
   Multipurpose Boxes
More results

Similar Description - G2511

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5524A GMT-G5524A Datasheet
136Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
G2500 GMT-G2500 Datasheet
130Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Toshiba Semiconductor
JBT6K49-AS TOSHIBA-JBT6K49-AS Datasheet
186Kb / 14P
   Power supply IC for TFT LCD Panels
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Toshiba Semiconductor
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
   Source Driver for TFT LCD Panels
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
   Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
   Source Driver for TFT LCD Panels
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com