Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5604 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5604
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5604_15 Datasheet HTML 1Page - Texas Instruments TLV5604_15 Datasheet HTML 2Page - Texas Instruments TLV5604_15 Datasheet HTML 3Page - Texas Instruments TLV5604_15 Datasheet HTML 4Page - Texas Instruments TLV5604_15 Datasheet HTML 5Page - Texas Instruments TLV5604_15 Datasheet HTML 6Page - Texas Instruments TLV5604_15 Datasheet HTML 7Page - Texas Instruments TLV5604_15 Datasheet HTML 8Page - Texas Instruments TLV5604_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted) (continued)
individual DAC output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Voltage output
RL = 10 kΩ
0
AVDD–0.4
V
Output load regulation accuracy
RL = 2 kΩ vs 10 kΩ
0.1
0.25
% of FS
voltage
reference input (REFINAB, REFINCD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
See Note 10
0
AVDD–1.5
V
RI
Input resistance
10
M
CI
Input capacitance
5
pF
Reference feed through
REFIN = 1 Vpp at 1 kHz + 1.024 V dc
(see Note 11)
–75
dB
Reference input bandwidth
REFIN = 0 2 V
+ 1 024 V dc
Slow
0.5
MHz
Reference input bandwidth
REFIN = 0.2 Vpp + 1.024 V dc
Fast
1
MHz
NOTES: 10. Reference input voltages greater than VDD/2 will cause output saturation for large DAC codes.
11. Reference feedthrough is measured at the DAC output with an input code = 000 hex and a Vref(REFINAB or REFINCD)
input = 1.024 Vdc + 1 Vpp at 1 kHz.
digital inputs (D0–D11, CS, WEB, LDAC, PD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = DVDD
±1
µA
IIL
Low-level digital input current
VI = 0 V
±1
µA
CI
Input capacitance
3
pF
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5V supply No load Clock running
Slow
1.4
2.2
mA
IDD
Power supply current
5-V supply, No load, Clock running
Fast
3.5
5.5
mA
IDD
Power supply current
3V supply No load Clock running
Slow
1
1.5
mA
3-V supply, No load, Clock running
Fast
3
4.5
mA
Power down supply current,
See Figure 12
10
nA


Similar Part No. - TLV5604_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604CD TI-TLV5604CD Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CDR TI-TLV5604CDR Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CPW TI-TLV5604CPW Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CPWR TI-TLV5604CPWR Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604D TI-TLV5604D Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5604_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com