Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5604IDG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV5604IDG4
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604IDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5604IDG4 Datasheet HTML 3Page - Texas Instruments TLV5604IDG4 Datasheet HTML 4Page - Texas Instruments TLV5604IDG4 Datasheet HTML 5Page - Texas Instruments TLV5604IDG4 Datasheet HTML 6Page - Texas Instruments TLV5604IDG4 Datasheet HTML 7Page - Texas Instruments TLV5604IDG4 Datasheet HTML 8Page - Texas Instruments TLV5604IDG4 Datasheet HTML 9Page - Texas Instruments TLV5604IDG4 Datasheet HTML 10Page - Texas Instruments TLV5604IDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted) (continued)
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS–FS)
Setup time, CS low before FS
10
ns
tsu(FS–CK)
Setup time, FS low before first negative SCLK edge
8
ns
tsu(C16–FS)
Setup time, sixteenth negative SCLK edge after FS low on which bit D0 is sampled before
rising edge of FS
10
ns
tsu(C16–CS)
Setup time. The first positive SCLK edge after D0 is sampled before CS rising edge. If FS
is used instead of the SCLK positive edge to update the DAC, then the setup time is between
the FS rising edge and CS rising edge.
10
ns
twH
Pulse duration, SCLK high
25
ns
twL
Pulse duration, SCLK low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
Pulse duration, FS high
20
ns
PARAMETER MEASUREMENT INFORMATION
12
3
4
5
15
16
D15
D14
D13
D12
D1
D0
tsu(FS-CK)
tsu(CS-FS)
twH(FS)
th(D)
tsu(D)
twH
twL
tsu(C16-CS)
tsu(C16-FS)
SCLK
DIN
CS
FS
Figure 1. Timing Diagram


Similar Part No. - TLV5604IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604ID TI-TLV5604ID Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604IDR TI-TLV5604IDR Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5604IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com