Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR014 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFR014
Description  Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR014 Datasheet(HTML) 4 Page - International Rectifier

  IRFR014 Datasheet HTML 1Page - International Rectifier IRFR014 Datasheet HTML 2Page - International Rectifier IRFR014 Datasheet HTML 3Page - International Rectifier IRFR014 Datasheet HTML 4Page - International Rectifier IRFR014 Datasheet HTML 5Page - International Rectifier IRFR014 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRFR014

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFR014 SAMSUNG-IRFR014 Datasheet
287Kb / 5P
   N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 8P
   Power MOSFET
S-81432-Rev. A, 07-Jul-08
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 10P
   Power MOSFET
Rev. D, 10-May-10
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 10P
   Power MOSFET
Rev. D, 10-May-10
logo
Kersemi Electronic Co.,...
IRFR014 KERSEMI-IRFR014 Datasheet
4Mb / 7P
   Power MOSFET
More results

Similar Description - IRFR014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520N IRF-IRF520N Datasheet
116Kb / 8P
   Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFR120PBF IRF-IRFR120PBF Datasheet
2Mb / 10P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.27廓 , ID = 7.7A )
IRFL4310PBF IRF-IRFL4310PBF Datasheet
662Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 0.20廓 , ID = 1.6A )
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
   Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
logo
International Rectifier
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
   Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
   Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRF1010NS IRF-IRF1010NS Datasheet
146Kb / 10P
   Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com