Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5617A Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV5617A
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5617A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5617A_15 Datasheet HTML 2Page - Texas Instruments TLV5617A_15 Datasheet HTML 3Page - Texas Instruments TLV5617A_15 Datasheet HTML 4Page - Texas Instruments TLV5617A_15 Datasheet HTML 5Page - Texas Instruments TLV5617A_15 Datasheet HTML 6Page - Texas Instruments TLV5617A_15 Datasheet HTML 7Page - Texas Instruments TLV5617A_15 Datasheet HTML 8Page - Texas Instruments TLV5617A_15 Datasheet HTML 9Page - Texas Instruments TLV5617A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLV5617A
2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG
CONVERTER WITH POWER DOWN
SLAS234F – JULY 1999 – REVISED JULY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
digital input timing requirements
MIN
NOM
MAX
UNIT
t
Setup time CS low before first negative SCLK edge
VDD = 2.7 V to 3.3 V
10
ns
tsu(CS–CK)
Setup time, CS low before first negative SCLK edge
VDD = 4.5 V to 5.5 V
5
ns
tsu(C16-CS)
Setup time, 16th negative SCLK edge before CS rising edge
10
ns
twH
SCLK pulse width high
25
ns
twL
SCLK pulse width low
25
ns
t
Setup time data ready before SCLK falling edge
VDD = 2.7 V to 3.3 V
10
ns
tsu(D)
Setup time, data ready before SCLK falling edge
VDD = 4.5 V to 5.5 V
5
ns
th(D)
Hold time data held valid after SCLK falling edge
VDD = 2.7 V to 3.3 V
10
ns
th(D)
Hold time, data held valid after SCLK falling edge
VDD = 4.5 V to 5.5 V
5
ns
timing requirements
twL
SCLK
CS
DIN
D15
D14
D13
D12
D1
D0
X
X
1
X
23
4
15
16
X
twH
tsu(D) th(D)
tsu(CS-CK)
tsu(C16-CS)
Figure 1. Timing Diagram


Similar Part No. - TLV5617A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5617ACD TI-TLV5617ACD Datasheet
197Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5617ACD TI-TLV5617ACD Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
TLV5617ACDG4 TI-TLV5617ACDG4 Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
TLV5617ACDR TI-TLV5617ACDR Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
TLV5617ACDRG4 TI-TLV5617ACDRG4 Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
More results

Similar Description - TLV5617A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com