Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA601N Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BA601N
Description  Low Capacitance and Insertion Loss
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BA601N Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BA601N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BA601N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BA601N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
Gas
Pre
Hea
Ave
T
TS(
Ref
Pea
Tim
Tem
Ram
Tim
Do
Pac
Ref
3
www.b
s Discharge
Reflow
e
at
Temper
Temper
Time(
erage ramp up r
TL) to peak)
(max) to TL - Ra
flow
- Te
(Li
- Te
ak Temperature
me within 5°C o
mperature (tp)
mp-down Rate
me 25°C to peak
not exceed
kage Ree
flow Profile
Outline
TAPING
encent.co
e Tube
w Condition
rature Min
rature Max
min to max)
rate(Liquidus
amp-up Rate
emperature (TL)
quidus)
emperature (TL)
(TP)
of actual Peak
k Temperature (
l Informat
e
G
om.cn
Pb-
150°C
200°C
60 –
Tamp
3°C/s
3°C/s
)
217°C
)
60 –
260+
8 – 2
6°C/s
(TP)
8 min
260°C
tion
Reel
(pcs)
2,000
-Free assembly
C
C
180 secs
sec max
sec max
C
150 secs
+0/-5 °C
0
secs.
sec max
ns Max
C
Per Car
(pcs)
32,00
Customers sho
rton
)
R
00
S
uld verify actua
REF
A
B
d
E
F
P
P0
P1
W
D
D1
D2
W1
Reel Diamete
(mm)
330
TP
TL
TS(max)
TS(min)
25
Specifications a
al device perfor
F
m
3.7
4.7
Φ
1.
1.75
5.5
8.0
4.0
2.0
12.0
Φ
3
Φ
50
2
Φ
13
1
16.8
ers
L
36
time to peak temp
Prehe
tS
are subject to ch
rmance in their
Order C
Versi
mm
7±0.2
7±0.2
.5±0.1
5±0.1
5±0.1
0±0.1
0±0.1
0±0.1
0±0.2
330.0
0Min
3±0.5
8±2.0
Carton S
L
W
60
36
erature
at
Ramp-up
BA60
hange without n
specific applic
Code: BA6
ion: A0 2013
inch
0.146±0.00
0.185±0.00
Φ
0.059±0.0
0.069±0.00
0.217±0.00
0.315±0.00
0.157±0.00
0.079±0.00
0.472±0.00
Φ
13.0
Φ
1.97Min
0.512±0.0
0.661±0.07
Size(mm)
W
H
60
38
tP
Ramp-dow
Time
Crit
TL t
TL
01N
notice.
ations
601N
-12-16
08
08
004
04
02
04
04
04
08
n
02
79
H
80
wn
tical Zone
to TP


Similar Part No. - BA601N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
   Silicon Planar Diode
Rev. 2, 01-Apr-99
BA604 VISHAY-BA604 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
logo
SUNMATE electronic Co.,...
BA604 SUNMATE-BA604 Datasheet
758Kb / 1P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
66Kb / 3P
   Small Signal Switching Diode
02-Oct-12
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
   Small Signal Switching Diode
Rev. 1.7, 26-Jul-06
More results

Similar Description - BA601N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
   Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
   Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
   Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
   Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
   Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
   Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
   Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
   Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
   Low Capacitance and Insertion Loss
BF351M BENCENT-BF351M Datasheet
215Kb / 3P
   Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
   Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com