Electronic Components Datasheet Search |
|
MAX5512 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX5512 Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 23 page Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs _______________________________________________________________________________________ 7 INL vs. INPUT CODE (VDD = VREF = 1.8V) DIGITAL INPUT CODE 250 200 50 100 150 -0.25 -0.20 -0.15 -0.10 -0.05 0 0.05 0.10 -0.30 0 300 INL vs. INPUT CODE (VDD = VREF = 5V) DIGITAL INPUT CODE 250 200 50 100 150 -0.25 -0.20 -0.15 -0.10 -0.05 0 0.05 0.10 -0.30 0300 DNL vs. INPUT CODE (VDD = VREF = 1.8V) DIGITAL INPUT CODE 250 200 150 100 50 -0.004 -0.002 0 0.002 0.004 0.006 0.008 0.010 0.012 0.014 -0.006 0300 DNL vs. INPUT CODE (VDD = VREF = 5V) DIGITAL INPUT CODE 250 200 150 100 50 -0.02 -0.01 0 0.01 0.02 0.03 0.04 -0.03 0 300 OFFSET VOLTAGE vs. TEMPERATURE TEMPERATURE (°C) 60 35 10 -15 -0.2 0 0.4 0.8 0.2 0.6 1.0 -1.0 -0.8 -0.6 -0.4 -40 85 VDD = 5V VREF = 3.9V GAIN ERROR CHANGE vs. TEMPERATURE TEMPERATURE (°C) 60 35 10 -15 -0.020 -0.015 -0.010 -0.005 0 0.005 0.010 0.015 0.020 0.025 -0.025 -40 85 VDD = 5V VREF = 3.9V DIGITAL FEEDTHROUGH RESPONSE MAX5512 toc16 20µs/div CS 5V/div SCLK 5V/div DIN 5V/div OUT 50mV/div ZERO SCALE DAC OUTPUT LOAD REGULATION vs. OUTPUT CURRENT DAC OUTPUT CURRENT (µA) 800 600 400 200 0 -200 -400 -600 -800 0.6042 0.6044 0.6046 0.6048 0.6050 0.6040 -1000 1000 VDD = 1.8V DAC CODE = MIDSCALE VREF = 1.2V DAC OUTPUT LOAD REGULATION vs. OUTPUT CURRENT DAC OUTPUT CURRENT (mA) 8 6 -8 -6 -4 0 2 -2 4 1.9405 1.9410 1.9415 1.9420 1.9425 1.9430 1.9435 1.9440 1.9400 -10 10 VDD = 5.0V DAC CODE = MIDSCALE VREF = 3.9V Typical Operating Characteristics (continued) (VDD = 5.0V, VREF = 4.096V (MAX5512/MAX5514), VREF = 3.9V (MAX5513/MAX5515), TA = +25°C, unless otherwise noted.) |
Similar Part No. - MAX5512 |
|
Similar Description - MAX5512 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |