Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS0060N-C-F Datasheet(PDF) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BS0060N-C-F
Description  Eliminates overvoltage caused by fast rising transients
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BS0060N-C-F Datasheet(HTML) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

  BS0060N-C-F Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BS0060N-C-F Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BS0060N-C-F Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BS0060N-C-F Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. BS0060N-C-F Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
Thy
Pro
En
Hi
Hi
Hi
Hi
Pr
Re
N
Re
5
www.ben
yristor Surg
oduct Dime
nvironmenta
T
igh temperatu
igh Temperat
igh-low Temp
igh Temperat
ressure cooke
esistance of s
ote: The abov
ecommende
F
C
ncent.com.c
ge Suppresse
ensions
al
Charact
Testing items
ure Reverse B
ture Life Test
perature Cycl
ture &High H
er Test
soldering heat
ve testing item
d Soldering
Bottom vie
Side view
A
B
n
er
teristics
s
Bias Test
t
le test
Humidity Test
t
ms can be spe
g Pad
ew
E
B
A
Tempera
Time:16
Tempera
Time:16
Tempera
Dwell ti
t
Tempera
Test tim
Tempera
Test tim
Tempera
Time of
ecified by cus
C
D
G
Customers sho
ature: 150±3℃
68H
ature: 150℃
68H
ature: From -
ime:30min,
ature: 85℃,H
me:168H
ature: 121℃,2
me:24H
ature: 260±5℃
f dip soldering
stomer’s spec
S
uld verify actua
REF
A
B
C
D
E
F
G
Techn
,Bias=80%
-40℃ to125℃
10cycles
Humidity:85%
2atm, Humid
g:10s,3tim
cial request
REF
A
B
C
Specifications a
al device perfor
Order
mm
5.4±0.
4.4±0.
2.0±0.
3.3±0.
0.8±0.
0.25±0.
2±0.3
nical standard
%VDRM
%
dity:100%
mes
mm
6.4
3.4
2.75
BS006
are subject to ch
rmance in their
r Code:
B
Version:
.3
.2
.1
.3
.3
.05
3
ds
60N-C-F
hange without n
specific applic
BS0060N-C-
A0 2013-11-
inch
0.213±0.012
0.173±0.008
0.079±0.004
0.130±0.012
0.032±0.012
0.010±0.002
0.079±0.012
inch
0.252
0.134
0.108
F
notice.
ations
-F
-1
2
8
4
2
2
2
2


Similar Part No. - BS0060N-C-F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results

Similar Description - BS0060N-C-F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200N-C-F BENCENT-BS4200N-C-F Datasheet
446Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0640N-2C BENCENT-BS0640N-2C Datasheet
293Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0300N-2C BENCENT-BS0300N-2C Datasheet
276Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com