Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62256ALP-15SL Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM62256ALP-15SL
Description  32,768-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256ALP-15SL Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM62256ALP-15SL Datasheet HTML 2Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 3Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 4Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 5Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 6Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 7Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 8Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 9Page - Hitachi Semiconductor HM62256ALP-15SL Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
• Input pulse levels: 0.8 V to 2.4 V
• Input and output timing refernce levels: 1.5 V
• Input rise and fall times: 5 ns
• Output load: 1 TTL Gate + CL (100 pF)
(Including scope & jig)
AC Characteristics (Ta = 0 to +70°C, VCC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
Read Cycle
HM62256A-8
HM62256A-10
HM62256A-12
HM62256A-15
—————– —————– —————– —————–
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Note
———————————————————————————————————————————————–
Read cycle time
tRC
85
100
120
150
ns
———————————————————————————————————————————————–
Address access time
tAA
85
100
120
150
ns
———————————————————————————————————————————————–
Chip select
tACS
85
100
120
150
ns
access time
———————————————————————————————————————————————–
Output enable to
tOE
45
50
60
70
ns
output valid
———————————————————————————————————————————————–
Chip selection to
tCLZ
10
10
10
10
ns
2
output in low-Z
———————————————————————————————————————————————–
Output enable to
tOLZ
5—
5—
5—
5—
ns
2
output in low-Z
———————————————————————————————————————————————–
Chip deselection to
tCHZ
0
30
0
35
0
40
0
50
ns
1, 2
output in high-Z
———————————————————————————————————————————————–
Output disable to
tOHZ
0
30
0
35
0
40
0
50
ns
1, 2
output in high-Z
———————————————————————————————————————————————–
Output hold from
tOH
5
10
10
10
ns
address change
———————————————————————————————————————————————–
6
HM62256A Series
HM62256A Series


Similar Part No. - HM62256ALP-15SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-5SLT HITACHI-HM62256BLFP-5SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7SLT HITACHI-HM62256BLFP-7SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7T HITACHI-HM62256BLFP-7T Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
More results

Similar Description - HM62256ALP-15SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
   32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
   32,768 WORD x 8 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
   32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
   32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com