Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM3109 Datasheet(PDF) 6 Page - Chino-Excel Technology

Part # CEM3109
Description  Dual Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM3109 Datasheet(HTML) 6 Page - Chino-Excel Technology

  CEM3109 Datasheet HTML 1Page - Chino-Excel Technology CEM3109 Datasheet HTML 2Page - Chino-Excel Technology CEM3109 Datasheet HTML 3Page - Chino-Excel Technology CEM3109 Datasheet HTML 4Page - Chino-Excel Technology CEM3109 Datasheet HTML 5Page - Chino-Excel Technology CEM3109 Datasheet HTML 6Page - Chino-Excel Technology CEM3109 Datasheet HTML 7Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CEM3109
6
Qg, Total Gate Charge (nC)
Figure 13. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 14. Maximum Safe
Operating Area
P-CHANNEL
Qg, Total Gate Charge (nC)
Figure 15. Gate Charge
-VDS, Drain-Source Voltage (V)
Figure 16. Maximum Safe
Operating Area
N-CHANNEL
5
4
3
2
1
0
0
5
10
15
20
VDS=-24V
ID=-8A
5
4
3
2
1
0
0
4
8
12
16
VDS=24V
ID=9A
10
2
10
1
10
0
10
-1
10
-2
10
2
10
1
10
0
10
-1
10
-2
RDS(ON)Limit
Single Pulse
TA=25 C
TJ=150 C
1s
100ms
10ms
DC
10
2
10
1
10
0
10
-1
10
-2
10
2
10
1
10
0
10
-1
10
-2
RDS(ON)Limit
Single Pulse
TA=25 C
TJ=150 C
100ms
DC
1s
10ms


Similar Part No. - CEM3109

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEM3109 CET-MOS-CEM3109 Datasheet
686Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 1. 2011.Sep
More results

Similar Description - CEM3109

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEH2609 CET-CEH2609 Datasheet
572Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM8958A CET-CEM8958A Datasheet
427Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM8401JPT CHENMKO-CHM8401JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8958JPT CHENMKO-CHM8958JPT Datasheet
551Kb / 5P
   Dual Enhancement Mode Field Effect Transistor
CHM9939AJPT CHENMKO-CHM9939AJPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM11C2JPT CHENMKO-CHM11C2JPT Datasheet
321Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4532JPT CHENMKO-CHM4532JPT Datasheet
319Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4559JPT CHENMKO-CHM4559JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com