Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM8958A Datasheet(PDF) 1 Page - Chino-Excel Technology

Part # CEM8958A
Description  Dual Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM8958A Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEM8958A Datasheet HTML 1Page - Chino-Excel Technology CEM8958A Datasheet HTML 2Page - Chino-Excel Technology CEM8958A Datasheet HTML 3Page - Chino-Excel Technology CEM8958A Datasheet HTML 4Page - Chino-Excel Technology CEM8958A Datasheet HTML 5Page - Chino-Excel Technology CEM8958A Datasheet HTML 6Page - Chino-Excel Technology CEM8958A Datasheet HTML 7Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is preliminary information on a new product in development now .
Details are subject to change without notice .
30V, 6.8A, RDS(ON) = 28mΩ @VGS = 10V.
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
FEATURES
ABSOLUTE MAXIMUM RATINGS T
A = 25 C unless otherwise noted
Parameter
Symbol
N-Channel
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation
VDS
VGS
ID
PD
IDM
30
2.0
27
6.8
±20
V
W
A
A
V
1
SO-8
1
P-Channel
-30
-19
-4.8
±20
CEM8958A
http://www.cetsemi.com
5
Rev 1.
2006.Aug
RDS(ON) = 42mΩ @VGS = 4.5V.
-30V, -4.8A, RDS(ON) = 58mΩ @VGS = -10V.
RDS(ON) = 85mΩ @VGS = -4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
Lead free product is acquired.
PRELIMINARY
D1
D1
D2
D2
S1
G1
S2
G2
1
2
3
4
8
7
6
5
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient b
Parameter
Symbol
Limit
Units
C/W
62.5
R
θJA


Similar Part No. - CEM8958A

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEM8958A CET-MOS-CEM8958A Datasheet
834Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 5. 2018.Aug
More results

Similar Description - CEM8958A

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEH2609 CET-CEH2609 Datasheet
572Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM3109 CET-CEM3109 Datasheet
620Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM8401JPT CHENMKO-CHM8401JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8958JPT CHENMKO-CHM8958JPT Datasheet
551Kb / 5P
   Dual Enhancement Mode Field Effect Transistor
CHM9939AJPT CHENMKO-CHM9939AJPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM11C2JPT CHENMKO-CHM11C2JPT Datasheet
321Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4532JPT CHENMKO-CHM4532JPT Datasheet
319Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4559JPT CHENMKO-CHM4559JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com