Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62256AFP-10T Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM62256AFP-10T
Description  32,768-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256AFP-10T Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM62256AFP-10T Datasheet HTML 1Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 2Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 3Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 4Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 5Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 6Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 7Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 8Page - Hitachi Semiconductor HM62256AFP-10T Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DC Characteristics (Ta = 0 to +70°C, VCC = 5 V ± 10%, VSS = 0 V)
Parameter
Symbol
Min
Typ*1
Max
Unit
Test conditions
———————————————————————————————————————————————–
Input leakage current
|ILI|
1
µA
Vin = VSS to VCC
———————————————————————————————————————————————–
Output leakage current
|ILO|—
1
µA
CS = VIH or OE = VIH or WE = VIL,
VI/O = VSS to VCC
———————————————————————————————————————————————–
Operating VCC current
ICC
6
15
mA
CS = VIL, others = VIH/VIL
Iout = 0 mA
——————————————————————————————————————————
HM62256A-8
ICC1
33
50
mA
min cycle, duty = 100%, II/O = 0 mA
HM62256A-10
30
50
CS = VIL, others = VIH/VIL
HM62256A-12
27
45
HM62256A-15
24
40
——————————————————————————————————————————
ICC2
5
15
mA
Cycle time = 1µs, II/O = 0 mA
CS = VIL, VIH = VCC, VIL = 0
———————————————————————————————————————————————–
Standby VCC current
ISB
0.3
2
mA
CS = VIH
———————————————————————————————————
ISB1
0.01
1
mA
Vin
≥ 0 V
——————————————
CS
≥ VCC – 0.2 V
0.3*2
100*2
µA
——————————————
0.3*3
50*3
µA
———————————————————————————————————————————————–
Output low voltage
VOL
0.4
V
IOL = 2.1 mA
———————————————————————————————————————————————–
Output high voltage
VOH
2.4
V
IOH = –1.0 mA
———————————————————————————————————————————————–
Notes: 1. Typical values are at VCC = 5.0 V, Ta = +25°C and not guaranteed.
2. This characteristics is guaranteed only for L-version.
3. This characteristics is guaranteed only for L-SL version.
Capacitance (Ta = 25°C, f = 1 MHz)*1
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
———————————————————————————————————————————————–
Input capacitance
Cin
6
pF
Vin = 0 V
———————————————————————————————————————————————–
Input/output capacitance
CI/O
——8
pF
VI/O= 0 V
———————————————————————————————————————————————–
Note:
1. This parameter is sampled and not 100% tested.
5
HM62256A Series
HM62256A Series


Similar Part No. - HM62256AFP-10T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-5SLT HITACHI-HM62256BLFP-5SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7SLT HITACHI-HM62256BLFP-7SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7T HITACHI-HM62256BLFP-7T Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
More results

Similar Description - HM62256AFP-10T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
   32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
   32,768 WORD x 8 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
   32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
   32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com