Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQH2213 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQH2213
Description  AQ-H SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQH2213 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQH2213 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQH2213 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQH2213 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQH2213 Datasheet HTML 4Page - Nais(Matsushita Electric Works) AQH2213 Datasheet HTML 5Page - Nais(Matsushita Electric Works) AQH2213 Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AQ-H
3
REFERENCE DATA
1. ON-state RMS current vs. Ambient
temperature characteristics
Allowable ambient temperature:
–30
°C to +85°C –22°F to +185°F
2. On voltage vs. Ambient temperature
characteristics
LED current: 10 mA; ON current: Max.
Measured portion: between terminals 6 and 8
3. Trigger LED current vs. Ambient temperature
characteristics
Load voltage: 6 V DC;
Load resistance: 100
0
0.3
0.6
0.9
1.2
1.5
–20
020
40
60
80
100
85
–30
Ambient temperature,
°C
AQH2213, AQH2223
AQH1213, AQH1223
AQH0213, AQH0223
AQH3213, AQH3223
0.6
0.8
1
1.2
1.4
1.6
–40
–20
0
204060
80
–30
85
Ambient temperature,
°C
AQH1213, AQH1223
AQH2213, AQH2223
AQH0213, AQH0223
AQH3213, AQH3223
Ambient temperature,
°C
020
40
60
80 85
–30
–40
–20
2
6
0
4
8
10
4. LED dropout voltage vs. Ambient
temperature characteristics
LED current: 10 to 50 mA
5. Turn on time vs. LED current characteristics
Load voltage: 6 V DC; Load resistance: 100
Measured portion: between terminals 6 and 8
6. Repetitive peak OFF-state current vs. Load
voltage characteristics
LED current: 0 mA; Measured portion: between
terminals 6 and 8; Ambient temperature: 25
°C 77°F
Ambient temperature,
°C
020
40
60
80 85
–30
–40
–20
1.1
1.3
1
1.2
1.4
1.5
50mA
30mA
20mA
10mA
LED current, mA
010
20
30
40
50
20
60
0
40
80
100
Load voltage, V
0
20
40
60
80
100
10–10
10–9
10–8
10–7
10–6
10–5
10–4
10–3
7. Hold current vs. Ambient temperature
characteristics
8. Zero-cross voltage vs. Ambient temperature
characteristics
LED current: 10 mA
0
5
10
15
20
25
–40
–20
0
204060
80
–30
85
AQH1213, AQH1223
AQH2213, AQH2223
AQH0213, AQH0223
AQH3213, AQH3223
Ambient temperature,
°C
0
10
20
30
40
50
–40
–20
0
204060
80
–30
85
AQH0213, AQH1213,
AQH2213, AQH3213
Ambient temperature,
°C
SCHEMATIC AND WIRING DIAGRAMS
Notes: E1: Power source at input side; IF: Trigger LED forward current; VL: Load voltage; IL: Load current;
Schematic
Output configuration
Load
Wiring diagram
1a
AC
18
2
+
3
4
6
5
ZC
Zero-cross
circuit
IF
IL
8
Load
2
1
3
4
6
5
E1
VL (AC)
IL
Load
VL (AC)
18
2
+
3
4
6
5
IF
IL
8
Load
2
1
3
4
6
5
E1
VL (AC)
IL
Load
VL (AC)


Similar Part No. - AQH2213

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
   Compact DIP type SSR Ideal for AC load control
logo
Littelfuse
AQHV12-01ETG LITTELFUSE-AQHV12-01ETG Datasheet
874Kb / 6P
   AQHVxx-01ETG series 200W Unidirectional TVS Diode
2018 Littelfuse, Inc.
AQHV12-01ETG-C LITTELFUSE-AQHV12-01ETG-C Datasheet
812Kb / 6P
   General Purpose ESD Protection
2021 Littelfuse, Inc
AQHV12-01LTG LITTELFUSE-AQHV12-01LTG Datasheet
1Mb / 7P
   AQHVxx-01LTG Series 250W Discrete Unidirectional TVS Diode
2018 Littelfuse, Inc
AQHV15-01ETG LITTELFUSE-AQHV15-01ETG Datasheet
874Kb / 6P
   AQHVxx-01ETG series 200W Unidirectional TVS Diode
2018 Littelfuse, Inc.
More results

Similar Description - AQH2213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQK1211 ETC2-AQK1211 Datasheet
62Kb / 2P
   AQ-K SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com