Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP101 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP101
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP101 Datasheet HTML 6Page - Texas Instruments TMP101 Datasheet HTML 7Page - Texas Instruments TMP101 Datasheet HTML 8Page - Texas Instruments TMP101 Datasheet HTML 9Page - Texas Instruments TMP101 Datasheet HTML 10Page - Texas Instruments TMP101 Datasheet HTML 11Page - Texas Instruments TMP101 Datasheet HTML 12Page - Texas Instruments TMP101 Datasheet HTML 13Page - Texas Instruments TMP101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
7.3.2.2 Serial Bus Address
To program the TMP100 and TMP101 devices, the master must first address slave devices through a slave
address byte. The slave address byte consists of seven address bits and a direction bit indicating the intent of
executing a read or write operation.
The TMP100 device features two address pins to allow up to eight devices to be addressed on a single I2C
interface. Table 2 describes the pin logic levels used to properly connect up to eight devices. Float indicates the
pin is left unconnected. The state of pins ADD0 and ADD1 is sampled on the first I2C bus communication and
must be set before any activity on the interface.
Table 2. Address Pins and Slave Addresses for the TMP100
ADD1
ADD0
SLAVE ADDRESS
0
0
1001000
0
Float
1001001
0
1
1001010
1
0
1001100
1
Float
1001101
1
1
1001110
Float
0
1001011
Float
1
1001111
The TMP101 device features one address pin and an ALERT pin, allowing up to three devices to be connected
per bus. Pin logic levels are described in Table 3. The address pins of the TMP100 and TMP101 devices are
read after reset or in response to an I2C address acquire request. Following reading, the state of the address
pins is latched to minimize power dissipation associated with detection.
Table 3. Address Pins and Slave Addresses for the TMP101
ADD0
SLAVE ADDRESS
0
1001000
Float
1001001
1
1001010
7.3.2.3 Writing and Reading to the TMP100 and TMP101
Accessing a particular register on the TMP100 and TMP101 devices is accomplished by writing the appropriate
value to the Pointer Register. The value for the Pointer Register is the first byte transferred after the I2C slave
address byte with the R/W bit LOW. Every write operation to the TMP100 and TMP101 devices requires a value
for the Pointer Register (see Figure 7).
When reading from the TMP100 and TMP101 devices, the last value stored in the Pointer Register by a write
operation is used to determine which register is read by a read operation. To change the register pointer for a
read operation, a new value must be written to the Pointer Register. This action is accomplished by issuing an
I2C slave address byte with the R/W bit LOW, followed by the Pointer Register Byte. No additional data are
required. The master can then generate a START condition and send the I2C slave address byte with the R/W bit
HIGH to initiate the read command; see Figure 8 for details of this sequence. If repeated reads from the same
register are desired, the Pointer Register bytes do not have to be continually sent because the TMP100 and
TMP101 devices remember the Pointer Register value until that value is changed by the next write operation.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101


Similar Part No. - TMP101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101 TI-TMP101 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101 TI-TMP101 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP101 TI1-TMP101 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI-TMP101-Q1 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Similar Description - TMP101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com