Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP100-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100-EP
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP100-EP Datasheet HTML 7Page - Texas Instruments TMP100-EP Datasheet HTML 8Page - Texas Instruments TMP100-EP Datasheet HTML 9Page - Texas Instruments TMP100-EP Datasheet HTML 10Page - Texas Instruments TMP100-EP Datasheet HTML 11Page - Texas Instruments TMP100-EP Datasheet HTML 12Page - Texas Instruments TMP100-EP Datasheet HTML 13Page - Texas Instruments TMP100-EP Datasheet HTML 14Page - Texas Instruments TMP100-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
7.3.2.4 Slave Mode Operations
The TMP100 and TMP101 devices can operate as a slave receiver or slave transmitter.
7.3.2.4.1
Slave Receiver Mode
The first byte transmitted by the master is the slave address, with the R/W bit LOW. The TMP100 or TMP101
devices then acknowledges reception of a valid address. The next byte transmitted by the master is the Pointer
Register. The TMP100 or TMP101 devices then acknowledges reception of the Pointer Register byte. The next
byte or bytes are written to the register addressed by the Pointer Register. The TMP100 and TMP101 devices
acknowledge reception of each data byte. The master can terminate data transfer by generating a START or
STOP condition.
7.3.2.4.2
Slave Transmitter Mode
The first byte is transmitted by the master and is the slave address, with the R/W bit HIGH. The slave
acknowledges reception of a valid slave address. The next byte is transmitted by the slave and is the most
significant byte of the register indicated by the Pointer Register. The master acknowledges reception of the data
byte. The next byte transmitted by the slave is the least significant byte. The master acknowledges reception of
the data byte. The master can terminate data transfer by generating a Not-Acknowledge on reception of any data
byte, or generating a START or STOP condition.
7.3.2.5 SMBus Alert Function
The TMP101 device supports the SMBus Alert function. When the TMP101 device is operating in Interrupt Mode
(TM = 1), the ALERT pin of the TMP101 device can be connected as an SMBus Alert signal. When a master
senses that an ALERT condition is present on the ALERT line, the master sends an SMBus Alert command
(00011001) on the bus. If the ALERT pin of the TMP101 device is active, the TMP101 device acknowledges the
SMBus Alert command and responds by returning its slave address on the SDA line. The eighth bit (LSB) of the
slave address byte indicates if the temperature exceeding THIGH or falling below TLOW caused the ALERT
condition. For POL = 0, this bit is LOW if the temperature is greater than or equal to THIGH. This bit is HIGH if
the temperature is less than TLOW. The polarity of this bit is inverted if POL = 1; see Figure 9 for details of this
sequence.
If multiple devices on the bus respond to the SMBus Alert command, arbitration during the slave address portion
of the SMBus alert command determine which device clears its ALERT status. If the TMP101 device wins the
arbitration, its ALERT pin becomes inactive at the completion of the SMBus Alert command. If the TMP101 loses
the arbitration, its ALERT pin remains active.
The TMP100 device also responds to the SMBus ALERT command if its TM bit is set to 1. Because the device
does not have an ALERT pin, the device must periodically poll the device by issuing an SMBus Alert command.
If the TMP100 device generates an ALERT, the device acknowledges the SMBus Alert command and returns its
slave address in the next byte.
7.3.2.6 General Call
The TMP100 and TMP101 devices respond to the I2C General Call address (0000000) if the eighth bit is 0. The
device acknowledges the General Call address and responds to commands in the second byte. If the second
byte is 00000100, the TMP100 and TMP101 devices latch the status of their address pins, but do not reset. If the
second byte is 00000110, the TMP100 and TMP101 devices latch the status of their address pins and reset their
internal registers.
7.3.2.7 High-Speed Mode
In order for the I2C bus to operate at frequencies above 400 kHz, the master device must issue an Hs-mode
master code (00001XXX) as the first byte after a START condition to switch the bus to high-speed operation.
The TMP100 and TMP101 devices do not acknowledge this byte as required by the I2C specification, but do
switch their input filters on SDA and SCL and their output filters on SDA to operate in Hs-mode, allowing
transfers at up to 2 MHz. After the Hs-mode master code is issued, the master transmits an I2C slave address to
initiate a data transfer operation. The bus continues to operate in Hs-mode until a STOP condition occurs on the
bus. Upon receiving the STOP condition, the TMP100 and TMP101 devices switch the input and output filter
back to fast-mode operation.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP100 TMP101


Similar Part No. - TMP100-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Similar Description - TMP100-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com