Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP107BIDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107BIDR
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107BIDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP107BIDR Datasheet HTML 6Page - Texas Instruments TMP107BIDR Datasheet HTML 7Page - Texas Instruments TMP107BIDR Datasheet HTML 8Page - Texas Instruments TMP107BIDR Datasheet HTML 9Page - Texas Instruments TMP107BIDR Datasheet HTML 10Page - Texas Instruments TMP107BIDR Datasheet HTML 11Page - Texas Instruments TMP107BIDR Datasheet HTML 12Page - Texas Instruments TMP107BIDR Datasheet HTML 13Page - Texas Instruments TMP107BIDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Oscillator
EEPROM
Power-On Reset
Input/Output
I/O1
I/O2
ALERT1
ALERT2
V+
GND
R1
R2
Digital Controls
Temperature
Sensor
ALERT
100 k

100 k

Thermal
Path
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TMP107 is a digital temperature sensor that is optimal for thermal monitoring of large areas over long
distances. The robust UART-compatible SMAART wire interface transfers data over a single wire at distances of
up to 1000 feet (300 meters) between consecutive devices in the chain, and is capable of communicating in a
daisy-chained configuration with up to 32 devices on a single bus.
The TMP107 supports individual commands to a specific device in the daisy chain, and also supports global
commands that allow multiple TMP107s in the chain to respond to a single command.
7.2 Functional Block Diagram
NOTE: The temperature sensor of the TMP107 is the silicon chip. Thermal paths run through the package leads. The
lower thermal resistance of metal enables the leads to provide the primary thermal path.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107


Similar Part No. - TMP107BIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

Similar Description - TMP107BIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com