Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCH1434-TL-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # SCH1434-TL-H
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCH1434-TL-H Datasheet(HTML) 3 Page - ON Semiconductor

  SCH1434-TL-H Datasheet HTML 1Page - ON Semiconductor SCH1434-TL-H Datasheet HTML 2Page - ON Semiconductor SCH1434-TL-H Datasheet HTML 3Page - ON Semiconductor SCH1434-TL-H Datasheet HTML 4Page - ON Semiconductor SCH1434-TL-H Datasheet HTML 5Page - ON Semiconductor SCH1434-TL-H Datasheet HTML 6Page - ON Semiconductor SCH1434-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SCH1434
No. A1891-3/7
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
0.6
0.4
0.2
1.2
1.0
0.8
1.6
1.4
1.8
2.0
0
0.6
0.4
0.2
1.2
1.0
0.8
1.6
1.4
1.8
2.0
0
IT14137
IT14138
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
0
0.5
1.0
1.5
2.0
2.5
VDS=10V
VGS=1.2V
1.5V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0
0.4
0.2
0.6
1.2
1.0
0.8
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
5
3
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
50
150
100
350
300
450
400
250
200
VGS
=1.8V
, ID
=0.3A
VGS
=4.5V
, ID=1.0A
VGS
=2.5V
, ID
=0.5A
IT14139
Ta=25
°C
IT14140
IT14141
IT14142
Ta=
--25
°C
75°
C
25
°C
VDS=10V
VGS=0V
10
7
5
3
2
7
5
3
2
0.1
2
1.0
35
7
IT14143
VDD=15V
VGS=4.5V
td(off)
t r
tf
10
23
5
7
td(on)
ID=0.3A
1A
01
56
4
3
28
10
79
0
100
50
200
150
400
300
250
350
450
0.1
2
2
1.0
7
7
5
3
5
3
0.1
2
0.01
57
23
1.0
2
57
33
0.5A
030
10
15
20
25
5
IT14144
10
7
7
100
5
3
2
7
5
5
3
2
Crss
Coss
Ciss
f=1MHz


Similar Part No. - SCH1434-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH1434 SANYO-SCH1434 Datasheet
69Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - SCH1434-TL-H

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com