Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-340-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # STK672-340-E
Description  Unipolar Fixed-Current Chopper
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-340-E Datasheet(HTML) 4 Page - ON Semiconductor

  STK672-340-E Datasheet HTML 1Page - ON Semiconductor STK672-340-E Datasheet HTML 2Page - ON Semiconductor STK672-340-E Datasheet HTML 3Page - ON Semiconductor STK672-340-E Datasheet HTML 4Page - ON Semiconductor STK672-340-E Datasheet HTML 5Page - ON Semiconductor STK672-340-E Datasheet HTML 6Page - ON Semiconductor STK672-340-E Datasheet HTML 7Page - ON Semiconductor STK672-340-E Datasheet HTML 8Page - ON Semiconductor STK672-340-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STK672-340-E
No.A1254-4/13
Sample Application Circuit
• To minimize noise in the 5V system, locate the ground side of capacitor CO2 in the above circuit as close as possible
to pin 1 of the IC. Also, if at all possible, the ground used for Vref must not be common to the P.GND pattern, but
must be directly wired from pin 1.
• Insert resistor RO3 (47 to 100Ω) so that the discharge energy from capacitor CO4 is not directly applied to the CMOS
IC in this hybrid device. If the diode D1 has Vf characteristics with Vf less than or equal to 0.6V (when If = 0.1A),
this will be smaller than the CMOS IC input pin diode Vf. If this is the case RO3 may be replaced with a short
without problem.
• Apply 2.5V High level input to pins 8, 9, 10, 11, and 12.
• Since the input pins do not have built-in pull-up resistors, when the open-collector type pins 8, 9, 10, 11, and 12 are
used as inputs, a 10 to 47k
Ω pull-up resistor (to VDD) must be used.
• To prevent incorrect operation due to chopping noise, we recommend inserting 470 to 1000pF capacitors between pin
1 and each of the pins 8, 9, 10, and 12.
(With the open-collector type IC, we also recommend inserting a 470 to 1000pF capacitor between pin 11 (RESETB)
and pin 1 when pin 11 is used as an input.)
• The following circuit (for a lowered current of over 0.2A) is recommended if the application needs to temporarily
lower the motor current. Here, a value of close to 100k
Ω must be used for resistor RO1 to make the transistor output
saturation voltage as low as possible.
5V
RO1
RO2
RO3
Vref
5V
RO1
RO2
RO3
Vref
ITF02172
ITF02171
VDD=5V
CLOCK
MODE
CWB
5V
5V
RESETB
6
9
8
10
11
7
ENABLE
12
D1
RO3
RO4
20k
Ω
CO4
10
μF
RO1
Vref
RO2
0.1
μF
CO1
CO3
+
+
+
10
μF
5
A
4
AB
3
B
2
BB
1
GND
STK672-340-E
CO2
At least 100
μF
VCC
24V
P.GND
ITF02170
2-phase stepping motor


Similar Part No. - STK672-340-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
More results

Similar Description - STK672-340-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6712AMK4 SANYO-STK6712AMK4 Datasheet
210Kb / 10P
   Unipolar Fixed-current Chopper-type 4-phase Stepping Motor Driver?
STK6712BMK3 SANYO-STK6712BMK3 Datasheet
206Kb / 10P
   Unipolar Fixed-current Chopper-type 4-phase Stepping Motor Driver?
STK6713BMK4 SANYO-STK6713BMK4 Datasheet
212Kb / 10P
   Unipolar Fixed-Current Chopper-Type 4-Phase Stepping Motor Driver
STK6712AMK3 SANYO-STK6712AMK3 Datasheet
205Kb / 10P
   Unipolar Fixed-current Chopper-type 4-phase Stepping Motor Driver
STK6713AMK4 SANYO-STK6713AMK4 Datasheet
208Kb / 10P
   Unipolar Fixed-current Chopper-type 4-phase Stepping Motor Driver?
STK6712BMK4 SANYO-STK6712BMK4 Datasheet
146Kb / 10P
   Unipolar Fixed-Current Chopper-Type 4-Phase Stepping Motor Driver
EN5228-D SANYO-EN5228-D Datasheet
205Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
STK672-010 SANYO-STK672-010 Datasheet
367Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
STK672-020 SANYO-STK672-020 Datasheet
365Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 3.0A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com