Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK673-011-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # STK673-011-E
Description  3-Phase Stepping Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK673-011-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK673-011-E Datasheet HTML 1Page - ON Semiconductor STK673-011-E Datasheet HTML 2Page - ON Semiconductor STK673-011-E Datasheet HTML 3Page - ON Semiconductor STK673-011-E Datasheet HTML 4Page - ON Semiconductor STK673-011-E Datasheet HTML 5Page - ON Semiconductor STK673-011-E Datasheet HTML 6Page - ON Semiconductor STK673-011-E Datasheet HTML 7Page - ON Semiconductor STK673-011-E Datasheet HTML 8Page - ON Semiconductor STK673-011-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
62911HKPC 5-7063/42011HKIM/71608HKIM No.A1137-1/15
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
STK673-011-E
Overview
The STK673-011-E is a 3-phase stepping motor driver hybrid IC with built-in microstep controller having a bipolar
constant current PWM system, in which a power MOSFET is employed at an output stage.
It includes a 3-phase distributed controller for a 3-phase stepping motor to realize a simple configuration of the motor
driver circuit.
The number of motor revolution can be controlled by the frequency of external clock input. 2, 2-3, W2-3 and 2W2-3-
phase excitation modes are available. The basic step angle of the stepping motor can be separated as much as one-eighth
2-3-phase to 2W2-3-phase excitation mode control quasi-sine wave current, thereby realizing low vibration and low
noise.
Applications
• As a 3-phase stepping motor driver for transmission and reception in a facsimile.
• As a 3-phase stepping motor driver for feeding paper feed or for an optical system in a copying machine.
• Industrial machines or products employing 3-phase stepping motor driving.
Features
• Number of motor revolution can be controlled by the frequency of external clock input.
• 4 types of modes, i.e., 2, 2-3, W2-3 and 2W2-3-phase excitations, are available which can be selected based on rising
of clock signals, by switching highs and lows of Mode A and Mode B terminals.
• Setting a Mode C terminal low allows an excitation mode that is based on rising and falling of a clock signal.
By setting the Mode C terminal low, phases that are set only by Mode A and Mode B can be changed to other phases
as follows without changing the number of motor revolution: 2-phase may be switched to 2-3-phase; 2-3-phase may
be switched to W2-3-phase; and W2-3-phase may be switched to 2W2-3-phase.
• Phase is maintained even when the excitation mode is changed.
• An MOI output terminal which outputs 1 pulse per 1 cycle of phase current.
• A CW/CCW terminal which switches the rotational direction.
• A Hold terminal which temporarily holds the motor in a state where the phase current is conducted.
• An Enable terminal which can forcibly turns OFF a MOSFET of a 6 output driving element in normal operation.
• Schmitt inputs with built-in pull-up resistor (20kΩ typ)
• Motor current can be set by changing the voltage of the Vref terminal (0.63V per 1A, dealing as much as 0 to
1/2VCC2 (4A)).
• The clock input for controlling the number of motor revolution lies in a range of 0 to 50kHz.
• Supply voltage: VCC1 = 16 to 30V, VCC2 = 5.0V ±5%
• A built-in current detection resistor (0.227Ω)
• A motor current during revolution can deal with as high as 2.4A at Tc = 105°C and as high as 4A at Tc = 50°C or
lower.
Ordering number : ENA1137B
Thick-Film Hybrid IC
3-Phase Stepping Motor Driver


Similar Part No. - STK673-011-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK673-011-E SANYO-STK673-011-E Datasheet
131Kb / 15P
   Thick-Film Hybrid IC 3-Phase Stepping Motor Driver
More results

Similar Description - STK673-011-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com