Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301040027 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301040027
Description  Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with 220V In-line Transformer 16/3 SOOW Cord Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301040027 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301040027 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301040027
Status:
Active
Overview:
Specialty Lighting
Description:
Haztex® Hazardous Location 26W with 12V Fluorescent Hand Lamp with 220V In-line
Transformer 16/3 SOOW Cord Type, Cord Length 15.24m (50.0')
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR39801
General
Product Family
Portable Lighting
Series
130104
Comments
Class I, Division 1, Groups C and D (flammable gases
and vapors); Class II, Division I, Groups F and G
(ignitable dust); Class I, Zone 1, Group IIB (UL)
NEMA Configuration
NEMA 5-15
Outlet
None
Overview
Specialty Lighting
Product Literature Order No
987650-8052
Product Name
Haztex®
Type
Specialty Light
UPC
78678805479
Woodhead
Yes
Physical
Cord Length - Primary
15.24m (50.0')
Cord Length - Secondary
N/A
Depth
100.08mm (3.940")
Duty
Hazardous
Guard Included
No
Guard Type
N/A
Height
482.60mm (19.000")
Length
N/A
Material - Globe
Tempered Soda-Lime Glass
Material - Guard
Cast Aluminum
Mounting Style
Hand Held
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Fluorescent
Cord Type - Primary
16/3 SOOW
Lamp Type
PL-C 26/41/4P
Lamp Wattage - Maximum
26W
Lumens
1800
On/Off Switch
No
Voltage (Fixture) - Maximum
230VAC 50 HZ
Material Info
Old Part Number
1090-HZ12IB163P
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130104 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301040027

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301040021 MOLEX11-1301040021 Datasheet
31Kb / 1P
   Haztex Hazardous Location 26W Fluorescent Hand Lamp Only
1301040022 MOLEX11-1301040022 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp for Use With Low Voltage Workstation
1301040023 MOLEX11-1301040023 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp for Use With Low Voltage Workstation
1301040025 MOLEX11-1301040025 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with In-line
1301040026 MOLEX11-1301040026 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with In-line Transformer 16/3 SOOW Cord Type
More results

Similar Description - 1301040027

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301040026 MOLEX11-1301040026 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with In-line Transformer 16/3 SOOW Cord Type
1301040029 MOLEX11-1301040029 Datasheet
32Kb / 1P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with 220V In-line Transformer 14/3 SOOW Cord Type
1301040028 MOLEX11-1301040028 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with In-line Transformer 14/3 SOOW Cord Type
130104-0031 MOLEX11-130104-0031 Datasheet
39Kb / 2P
   Haztex Hazardous Location 26W Fluorescent Hand Lamp with 16/3 SOOW Cord Type,
1301040035 MOLEX11-1301040035 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W Fluorescent Hand Lamp with 16/3 SOOW Cord
130104-0033 MOLEX11-130104-0033 Datasheet
39Kb / 2P
   Haztex Hazardous Location 26W Fluorescent Hand Lamp with 16/3 SOOW Cord Type,
1301040025 MOLEX11-1301040025 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with In-line
1301040034 MOLEX11-1301040034 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W Fluorescent Hand Lamp with 14/3 SOOW Cord
1301040032 MOLEX11-1301040032 Datasheet
32Kb / 1P
   Haztex Hazardous Location 26W Fluorescent Hand Lamp with 14/3 SOOW Cord Type,
1301040030 MOLEX11-1301040030 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W Fluorescent Hand Lamp with 14/3 SOOW Cord Type,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com