Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4328-BP Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4328-BP
Description  18-Bit, Stereo D/A Converter for Digital Audio
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328-BP Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4328-BP Datasheet HTML 5Page - Cirrus Logic CS4328-BP Datasheet HTML 6Page - Cirrus Logic CS4328-BP Datasheet HTML 7Page - Cirrus Logic CS4328-BP Datasheet HTML 8Page - Cirrus Logic CS4328-BP Datasheet HTML 9Page - Cirrus Logic CS4328-BP Datasheet HTML 10Page - Cirrus Logic CS4328-BP Datasheet HTML 11Page - Cirrus Logic CS4328-BP Datasheet HTML 12Page - Cirrus Logic CS4328-BP Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
mute which can be activated by forcing the
CALI pin high. Figure 7 shows how to imple-
ment a -50 dB mute using an OR gate. The
propagation of the gate will be the only delay in
moving the CS4328 to a muted state.
The second mute option is a two stage operation
which involves forcing SDATAI to 0 using an
AND gate as shown in Figure 8. The first mute
occurs following 33 LRCK cycles when the 0 in-
put data propagates to the output of the DAC.
The rms noise present at the output will typically
be 93 dB below fullscale. Following a total of
4096 LRCK cycles with 0 input data the output
of the CS4328 will mute and lower the output
rms noise to a minimum of 120 dB below
fullscale. Upon release of the MUTE command
and non-zero input data the CS4328 output mute
will immediately release. However, 33 LRCK
cycles are required for input data to propagate to
the output of the CS4328.
Grounding and Power Supply Decoupling
As with any high resolution converter, the
CS4328 requires careful attention to power sup-
ply and grounding arrangements to optimize
performance. Figure 1 shows the recommended
power arrangements with VA+ connected to a
clean +5 volt supply and VA- connected to a
clean -5 volt supply. VD+, which powers the
digital interpolation filter and delta-sigma modu-
lator, may be powered from the system +5 volt
logic supply. Decoupling capacitors should be
located as near to the CS4328 as possible.
The printed circuit board layout should have
separate analog and digital regions with individ-
ual ground planes. The CS4328 should straddle
th e gro un d p lane break as shown on the
CDB4328 Evaluation board. Optional jumpers
for connecting these planes should be included
near the DAC, where power is brought on to the
board and near the regulators. All signals, espe-
cially clocks, should be kept away from the
VREF- pin to avoid unwanted coupling into the
CS4328. The VREF- decoupling capacitors, par-
ticularly the 0.1
µF, must be positioned to
minimize the electrical path from VREF- to
Pin 1 AGND and to minimize the path between
VREF- and the capacitors. Extensive use of
ground plane fill on both the analog and digital
sections of the circuit board will yield large re-
ductions in radiated noise effects. An application
note "Layout and Design Rules for Data Con-
verters" is printed in the Application Note
section of this book.
Analog Output and Filtering
Full scale analog output for each channel is typi-
cally 4V peak-to-peak. The analog outputs can
drive load impedances as low as 600
Ω and are
short-circuit protected to 20mA.
The C S4328 an alog filter is a 5th order
switched-capacitor filter followed by a second-
o rd er
continuous-time
fi lt er.
The
switched-capacitor filter is clock dependent and
will scale with the IWR frequency. The continu-
ous-time filter is fixed and not related to IWR. A
low-pass filter consisting of a 51
Ω resistor and a
.01
µF NPO capacitor is recommended on the
analog outputs.
21
27
MUTE
CALO
CALI
CS4328
Figure 7. -50dB Muting
18
MUTE
SDATAI
CS4328
DATA
_____
Figure 8. -120 dB Muting
CS4328
DS62F3
9


Similar Part No. - CS4328-BP

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4320U035 HVPSI-CS4320U035 Datasheet
164Kb / 2P
   Ultra-fast High Voltage Diodes
CS4320U035 HVPSI-CS4320U035 Datasheet
167Kb / 2P
   Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
164Kb / 2P
   Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
167Kb / 2P
   Ultra-fast High Voltage Diodes
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
More results

Similar Description - CS4328-BP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
   16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
   DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com