Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTPA92T3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTPA92T3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTPA92T3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTPA92T3 Datasheet HTML 1Page - Cystech Electonics Corp. BTPA92T3 Datasheet HTML 2Page - Cystech Electonics Corp. BTPA92T3 Datasheet HTML 3Page - Cystech Electonics Corp. BTPA92T3 Datasheet HTML 4Page - Cystech Electonics Corp. BTPA92T3 Datasheet HTML 5Page - Cystech Electonics Corp. BTPA92T3 Datasheet HTML 6Page - Cystech Electonics Corp. BTPA92T3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C308T3
Issued Date : 2015.09.21
Revised Date :
Page No. : 2/7
BTPA92T3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-7
V
IC(DC)
-300
mA
Collector Current
IC(pulse)
-500
*1
mA
Pd(Ta=25℃)
1.2
Power Dissipation
Pd(Tc=25℃)
10
W
Operating Junction Temperature Range
Tj
-55~+150
°C
Storage Temperature Range
Tstg
-55~+150
°C
Note : *1. Single Pulse Pw
≤300μs, Duty≤2%
.
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-300
-
-
V
IC=-100μA, IE=0
BVCEO
-300
-
-
V
IC=-1mA, IB=0
BVEBO
-7
-
-
V
IE=-100μA, IC=0
ICBO
-
-
-100
nA
VCB=-300V
IEBO
-
-
-100
nA
VEB=-7V
*VCE(sat)
-
-0.09
-0.2
V
IC=-20mA, IB=-2mA
*VCE(sat)
-
-0.13
-0.3
V
IC=-50mA, IB=-5mA
*VCE(sat)
-
-0.19
-0.5
V
IC=-100mA, IB=-10mA
*VBE(sat)
-
-0.73
-1
V
IC=-20mA, IB=-2mA
*hFE1
120
-
270
-
VCE=-10V, IC=-10mA
*hFE2
60
-
-
-
VCE=-10V, IC=-100mA
fT
-
73
-
MHz
VCE=-20V, IC=-50mA, f=100MHz
Cob
-
7.3
-
pF
VCB=-10V, f=1MHz
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - BTPA92T3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTPA92A3 CYSTEKEC-BTPA92A3 Datasheet
155Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTPA92N3 CYSTEKEC-BTPA92N3 Datasheet
163Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
More results

Similar Description - BTPA92T3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com