Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95214 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM95214
Description  Quad Remote Diode and Local Temperature Sensor with SMBus Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95214 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM95214 Datasheet HTML 2Page - Texas Instruments LM95214 Datasheet HTML 3Page - Texas Instruments LM95214 Datasheet HTML 4Page - Texas Instruments LM95214 Datasheet HTML 5Page - Texas Instruments LM95214 Datasheet HTML 6Page - Texas Instruments LM95214 Datasheet HTML 7Page - Texas Instruments LM95214 Datasheet HTML 8Page - Texas Instruments LM95214 Datasheet HTML 9Page - Texas Instruments LM95214 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LM95214
SNIS146A – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Temperature-to-Digital Converter Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN
TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
Typical(1)
Limits(2)
Units
(Limit)
Local Diode Measurement Resolution
11
Bits
0.125
°C
Remote Diode Measurement Resolution
Digital Filter Off
11
Bits
0.125
°C
Digital Filter On (Remote Diodes 1 and 2
13
Bits
only)
0.03125
°C
Conversion Time of All Temperatures at the
All Channels are Enabled in Default State
1100
1210
ms (max)
Fastest Setting(5)
1 External Channel
31
34
ms (max)
Local only
30
33
ms (max)
Quiescent Current(6)
SMBus Inactive, 1Hz Conversion Rate,
570
800
µA (max)
channels in default state
Shutdown
360
µA
D
− Source Voltage
0.4
V
Remote Diode Source Current
High level
160
230
µA (max)
Low level
10
Power-On Reset Threshold
Measured on VDD input, falling edge
2.8
V (max)
1.6
V (min)
TCRIT1 Pin Temperature Threshold
Default Diodes 1 and 2 only
+110
°C
TCRIT2 Pin Temperature Threshold
Default all channels
+85
°C
TCRIT3 Pin Temperature Threshold
Default Diodes 3 and 4 only
+85
°C
(5)
This specification is provided only to indicate how often temperature data is updated. The LM95214 can be read at any time without
regard to conversion state (and will yield last conversion result).
(6)
Quiescent current will not increase substantially with an SMBus communication.
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN to
TMAX; all other limits TA= TJ=+25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
Units
(Limit)
SMBDAT, SMBCLK INPUTS
VIN(1)
Logical “1” Input Voltage
2.1
V (min)
VIN(0)
Logical “0”Input Voltage
0.8
V (max)
VIN(HYST)
SMBDAT and SMBCLK Digital Input Hysteresis
400
mV
IIN(1)
Logical “1” Input Current
VIN = VDD
0.005
10
µA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
-10
µA (max)
CIN
Input Capacitance
5
pF
A0 DIGITAL INPUT
VIH
Input High Voltage
0.90 × VDD
V (min)
VIM
Input Middle Voltage
0.57 × VDD
V (max)
0.43 × VDD
V (min)
VIL
Input Low Voltage
0.10 × VDD
V (max)
IIN(1)
Logical "1" Input Current
VIN = VDD
−0.005
−10
µA (min)
IIN(0)
Logical "0" Input Current
VIN = 0V
0.005
10
µA (max)
CIN
Input Capacitance
5
pF
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM95214


Similar Part No. - LM95214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95214CISD NSC-LM95214CISD Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95214CISDX NSC-LM95214CISDX Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results

Similar Description - LM95214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com