Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95233 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM95233_15 Datasheet HTML 7Page - Texas Instruments LM95233_15 Datasheet HTML 8Page - Texas Instruments LM95233_15 Datasheet HTML 9Page - Texas Instruments LM95233_15 Datasheet HTML 10Page - Texas Instruments LM95233_15 Datasheet HTML 11Page - Texas Instruments LM95233_15 Datasheet HTML 12Page - Texas Instruments LM95233_15 Datasheet HTML 13Page - Texas Instruments LM95233_15 Datasheet HTML 14Page - Texas Instruments LM95233_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
0.01
0.1
1
10
CONVERSION TIME (sec)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD = +3.3V
TA = 25°C
LM95233
www.ti.com
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
Status 4 (TCRIT3)
Diode Model Status
6. Mask Registers
TCRIT1 Mask
TCRIT2 Mask
TCRIT3 Mask
7. Limit Registers
Local Tcrit Limit
Remote 1 Tcrit-1 Limit
Remote 2 Tcrit-1 Limit
Remote 1 Tcrit-2 and Tcrit-3 Limit
Remote 2 Tcrit-2 and Tcrit-3 Limit
Common Tcrit Hysteresis
8. Manufacturer ID Register
9. Revision ID Register
CONVERSION SEQUENCE
The LM95233 takes approximately 95 ms to convert the Local Temperature, Remote Temperatures 1 and 2, and
to update all of its registers. These conversions for each thermal diode are addressed in a round robin sequence.
Only during the conversion process the busy bit (D7) in Status register (02h) is high. The conversion rate may be
modified by the Conversion Rate bits found in the Configuration Register (03h). When the conversion rate is
modified a delay is inserted between each round of conversions, the actual time for each round remains at 95 ms
(typical all channels enabled). The time a round takes depends on the number of channels that are on. Different
conversion rates will cause the LM95233 to draw different amounts of average supply current as shown in
Figure 10. This curve assumes all the channels are on. If channels are turned off the average current will drop
since the round robin time will decrease and the shutdown time will increase during each conversion interval.
Figure 10. Conversion Rate Effect on Power Supply Current
POWER-ON-DEFAULT STATES
LM95233 always powers up to these known default states. The LM95233 remains in these states until after the
first conversion.
1. All Temperature readings set to 0°C until the end of the first conversion
2. Diode Model Select: Remote 1 set to 65 nm Intel processor, Remote 2 set to MMBT3904
3. Remote offset for all channels 0°C
4. Configuration: Active converting
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM95233


Similar Part No. - LM95233_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233CISD NSC-LM95233CISD Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISD NSC-LM95233CISD Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233CISDX NSC-LM95233CISDX Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISDX NSC-LM95233CISDX Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95233_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com