Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95234 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM95234
Description  Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95234 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM95234 Datasheet HTML 5Page - Texas Instruments LM95234 Datasheet HTML 6Page - Texas Instruments LM95234 Datasheet HTML 7Page - Texas Instruments LM95234 Datasheet HTML 8Page - Texas Instruments LM95234 Datasheet HTML 9Page - Texas Instruments LM95234 Datasheet HTML 10Page - Texas Instruments LM95234 Datasheet HTML 11Page - Texas Instruments LM95234 Datasheet HTML 12Page - Texas Instruments LM95234 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LM95234
www.ti.com
SNIS136D – AUGUST 2006 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
LM95234 is an 11-bit digital temperature sensor with a 2-wire System Management Bus (SMBus) interface that
can monitor the temperature of four remote diodes as well as its own temperature. The LM95234 can be used to
very accurately monitor the temperature of up to four external devices such as microprocessors, graphics
processors or diode-connected 2N3904 transistor. The LM95234 includes TruTherm BJT beta compensation
technology that allows sensing of Intel processors 90 nm or 65 nm process thermal diodes accurately.
The LM95234 reports temperature in two different formats for +127.875°C/–128°C range and 0°C/255°C range.
The LM95234 has a Sigma-Delta ADC (Analog-to-Digital Converter) core which provides the first level of noise
imunity. For improved performance in a noisy environment the LM95234 includes programmable digital filters for
Remote Diode 1 and 2 temperature readings. When the digital filters are invoked the resolution for Remote Diode
1 and 2 readings increases to 0.03125°C. The LM95234 contains a diode model selection register that includes
bits for each channel that select between thermal diodes of Intel processors on 65 nm process or 2N3904s. For
maximum flexibility and best accuracy the LM95234 includes offset registers that allow calibration of other diode
types.
Diode fault detection circuitry in the LM95234 can detect the absence or fault state of a remote diode: whether
D+ is shorted to VDD, D- or ground, or whether D+ is floating.
The LM95234 TCRIT1, TCRIT2 and TCRIT3 active low outputs are triggered when any unmasked channel
exceeds its corresponding programmable limit and can be used to shutdown the system, to turn on the system
fans or as a microcontroller interrupt function. The current status of the TCRIT1, TCRIT2 and TCRIT3 pins can
be read back from the status registers via the SMBus interface. Two of the remote channels have two separate
limits each that control the TCRIT1 and TCRIT2 pins. The remaining two channels and the local channel each
have one limit to control both the TCRIT1 and TCRIT2 pins. The TCRIT3 pin shares the limits of the TCRIT2 pin
but allows for different masking options. All limits have a shared programmable hysteresis register.
Remote Diode 1 and 2 temperature channels have programmable digital filters while the other two remote
temperature channels utilize a fault-queue in order to avoid false triggering the TCRIT pins.
LM95234 has a three-level address pin to connect up to 3 devices to the same SMBus master. LM95234 also
has programmable conversion rate register as well as a shutdown mode for power savings. One round of
conversions can be triggered in shutdown mode by writing to the one-shot register through the SMBus interface.
LM95234 can be programmed to turn off unused channels for more power savings.
The LM95234 register set has an 8-bit data structure and includes:
1. Temperature Value Registers with signed format
Most-Significant-Byte (MSB) and Least-Significant-Byte (LSB) Local Temperature
MSB and LSB Remote Temperature 1
MSB and LSB Remote Temperature 2
MSB and LSB Remote Temperature 3
MSB and LSB Remote Temperature 4
2. Temperature Value Registers with unsigned format
MSB and LSB Remote Temperature 1
MSB and LSB Remote Temperature 2
MSB and LSB Remote Temperature 3
MSB and LSB Remote Temperature 4
3. Diode Configuration Registers
Diode Model Select
Remote 1 Offset
Remote 2 Offset
Remote 3 Offset
Remote 4 Offset
4. General Configuration Registers
Configuration (Standby, Fault Queue enable for Remote 3 and 4; Conversion Rate)
Channel Conversion Enable
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM95234


Similar Part No. - LM95234

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234CISD NSC-LM95234CISD Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234CISD NSC-LM95234CISD Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234CISDX NSC-LM95234CISDX Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95234

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com