Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB3D0N03BQ8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB3D0N03BQ8
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB3D0N03BQ8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB3D0N03BQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB3D0N03BQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C999Q8
Issued Date : 2015.10.20
Revised Date :
Page No. : 3/9
MTB3D0N03BQ8
CYStek Product Specification
Dynamic
Ciss
-
2321
-
Coss
-
400
-
Crss
-
220
-
pF
VGS=0V, VDS=15V, f=1MHz
Qg (VGS=10V) *1, 2
-
51
-
Qg (VGS=4.5V) *1, 2
-
26
-
Qgs *1, 2
-
8.5
-
Qgd *1, 2
-
11.1
-
nC
VDS=15V, VGS=10V, ID=18A
td(ON) *1, 2
-
17
-
tr
*1, 2
-
19
-
td(OFF) *1, 2
-
55
-
ns
tf *1, 2
-
12
-
VDS=15V, ID=18A, VGS=10V,
RGS=3Ω
Rg
-
1.4
-
Ω
f=1MHz
Source-Drain Diode
IS *1
-
-
9
ISM *3
-
-
36
A
VSD *1
-
0.69
1
V
IS=1A, VGS=0V
trr
-
15
-
ns
Qrr
-
6.7
-
nC
IF=18A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Recommended Soldering Footprint


Similar Part No. - MTB3D0N03BQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB3D0N03BE3 CYSTEKEC-MTB3D0N03BE3 Datasheet
431Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB3D0N03BE3-0-UB-X CYSTEKEC-MTB3D0N03BE3-0-UB-X Datasheet
431Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB3D0N03BH8 CYSTEKEC-MTB3D0N03BH8 Datasheet
475Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB3D0N03BH8-0-T6-G CYSTEKEC-MTB3D0N03BH8-0-T6-G Datasheet
475Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB3D0N03BJ3 CYSTEKEC-MTB3D0N03BJ3 Datasheet
443Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB3D0N03BQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com