Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95241 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 2 Page - Texas Instruments

  LM95241_15 Datasheet HTML 1Page - Texas Instruments LM95241_15 Datasheet HTML 2Page - Texas Instruments LM95241_15 Datasheet HTML 3Page - Texas Instruments LM95241_15 Datasheet HTML 4Page - Texas Instruments LM95241_15 Datasheet HTML 5Page - Texas Instruments LM95241_15 Datasheet HTML 6Page - Texas Instruments LM95241_15 Datasheet HTML 7Page - Texas Instruments LM95241_15 Datasheet HTML 8Page - Texas Instruments LM95241_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM95241
SMBCLK
SMBDAT
D1+
D1-
D2+
D2-
1
2
3
4
5
6
7
8
GND
VDD
LM95241
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM95241 resolution format for remote temperature readings can be programmed to be 11-bits signed or
unsigned with the digital filtering disabled. When the filtering is enabled the resolution increases to 13-bits signed
or unsigned. In the unsigned mode the LM95241 remote diode readings can resolve temperatures above 127°C.
Local temperature readings have a resolution of 9-bits plus sign.
Connection Diagram
Figure 1. VSSOP-8
TOP VIEW
PIN DESCRIPTIONS
Label
Pin #
Function
Typical Connection
D1+
1
Diode Current Source
To Diode Anode. Connected to remote discrete diode-
connected transistor junction or to the diode-connected
transistor junction on a remote IC whose die temperature is
being sensed. A capacitor is not required between D1+ and
D1-. A 100 pF capacitor between D1+ and D1
− can be added
and may improve performance in noisy systems.
D1
2
Diode Return Current Sink
To Diode Cathode. A capacitor is not required between D1+
and D1-. A 100 pF capacitor between D1+ and D1
− can be
added and may improve performance in noisy systems.
D2+
3
Diode Current Source
To Diode Anode. Connected to remote discrete diode-
connected transistor junction or to the diode-connected
transistor junction on a remote IC whose die temperature is
being sensed. A capacitor is not required between D2+ and
D2-. A 100 pF capacitor between D2+ and D2
− can be added
and may improve performance in noisy systems.
D2
4
Diode Return Current Sink
To Diode Cathode. A capacitor is not required between D2+
and D2-. A 100 pF capacitor between D2+ and D2
− can be
added and may improve performance in noisy systems.
GND
5
Power Supply Ground
System low noise ground
VDD
6
Positive Supply Voltage Input
DC Voltage from 3.0 V to 3.6 V. VDD should be bypassed with
a 0.1 µF capacitor in parallel with 100 pF. The 100 pF
capacitor should be placed as close as possible to the power
supply pin. Noise should be kept below 200 mVp-p, a 10 µF
capacitor may be required to achieve this.
SMBDAT
7
SMBus Bi-Directional Data Line, From and to Controller; may require an external pull-up resistor
Open-Drain Output
SMBCLK
8
SMBus Clock Input
From Controller; may require an external pull-up resistor
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95241


Similar Part No. - LM95241_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241CIMM NSC-LM95241CIMM Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-1 NSC-LM95241CIMM-1 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-2 NSC-LM95241CIMM-2 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX NSC-LM95241CIMMX Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX-1 NSC-LM95241CIMMX-1 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results

Similar Description - LM95241_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com