Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101Q-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101Q-Q1
Description  LMC7101, LMC7101Q-Q1 Tiny Low-Power Operational Amplifier With Rail-to-Rail Input and Output
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101Q-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC7101Q-Q1 Datasheet HTML 5Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 6Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 7Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 8Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 9Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 10Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 11Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 12Page - Texas Instruments LMC7101Q-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
fA
Hz
nV
Hz
LMC7101, LMC7101Q-Q1
www.ti.com
SNOS719G – SEPTEMBER 1999 – REVISED SEPTEMBER 2015
DC Electrical Characteristics: 15 V (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 15 V, V= 0 V, V
CM = 1.5 V, VO = V
+ / 2 and R
L = 1 MΩ.
LMC7101AI
LMC7101BI
LMC7101Q-Q1(2)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VO = 0 V
50
30
30
30
Sourcing
VO = 0 V
50
20
20
20
–40°C
≤ TJ ≤ 125°C
Output short circuit
ISC
mA
current(4)
VO = 12 V
50
30
30
30
Sinking
VO = 12 V
50
20
20
20
–40°C
≤ TJ ≤ 125°C
1.5
1.5
1.5
IS
Supply current
0.8
mA
–40°C
≤ TJ ≤ 125°C
1.71
1.71
1.75
(4)
Do not short circuit output to V+ when V+ is greater than 12 V or reliability will be adversely affected.
6.10 AC Electrical Characteristics: 5 V
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5 V, V= 0 V, V
CM = 1.5 V, VO = V
+ / 2 and R
L = 1 MΩ.
LMC7101AI
LMC7101BI
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
LIMIT(2)
LIMIT(2)
f = 10 kHz, AV = –2
THD
Total harmonic distortion
0.01%
RL = 10 kΩ, VO = 4 VPP
SR
Slew rate
1
V/
μs
GBW
Gain bandwidth product
1
MHz
(1)
Typical values represent the most likely parametric normal.
(2)
All limits are specified by testing or statistical analysis.
6.11 AC Electrical Characteristics: 15 V
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 15 V, V= 0 V, V
CM = 1.5 V, VO = V
+ / 2 and R
L = 1 MΩ.
LMC7101AI
LMC7101BI
LMC7101Q-Q1(2)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
0.5
0.5
0.5
V+ = 15 V
V/
μs
SR
Slew rate(3)
1.1
min
0.4
0.4
0.4
V+ = 15 V, –40°C
≤ TJ ≤ 125°C
Gain-bandwidth
GBW
1.1
MHz
V+ = 15 V
product
φm
Phase margin
45
deg
Gm
Gain margin
10
dB
Input-referred voltage
en
f = 1 kHz, VCM = 1 V
37
noise
Input-referred current
In
f = 1 kHz
1.5
noise
f = 10 kHz, AV = –2
Total harmonic
RL = 10 kΩ
THD
0.01%
distortion
VO = 8.5 VPP
(1)
Typical values represent the most likely parametric normal.
(2)
When operated at temperature between –40°C and 85°C, the LMC7101Q-Q1 will meet LMC7101BI specifications.
(3)
V+ = 15 V. Connected as a voltage follower with a 10-V step input. Number specified is the slower of the positive and negative slew
rates. RL = 100 kΩ connected to 7.5 V. Amplifier excited with 1 kHz to produce VO = 10 VPP.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC7101 LMC7101Q-Q1


Similar Part No. - LMC7101Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101Q NSC-LMC7101Q Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101Q TI-LMC7101Q Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7101QM5 NSC-LMC7101QM5 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101QM5 TI1-LMC7101QM5 Datasheet
1Mb / 33P
[Old version datasheet]   Tiny Low-Power Operational Amplifier
LMC7101QM5/NOPB TI1-LMC7101QM5/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
More results

Similar Description - LMC7101Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7101BIM5 TI1-LMC7101BIM5 Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101AIM5X TI-LMC7101AIM5X Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
108335 TI-108335 Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111BIM5 TI-LMC7111BIM5 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com