Electronic Components Datasheet Search |
|
CEP6086L Datasheet(PDF) 2 Page - Chino-Excel Technology |
|
CEP6086L Datasheet(HTML) 2 Page - Chino-Excel Technology |
2 / 4 page CEP6086L/CEB6086L Electrical Characteristics Tc = 25 C unless otherwise noted Parameter Symbol Min Units Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Threshold Voltage Static Drain-Source On-Resistance BVDSS IDSS IGSSR IGSSF 10 1 3 -100 100 1 mΩ V nA nA µ A V 2 Gate Body Leakage Current, Reverse On Characteristics b Dynamic Characteristics c Input Capacitance Reverse Transfer Capacitance Output Capacitance Switching Characteristics c Turn-On Delay Time Turn-Off Fall Time Turn-Off Delay Time Turn-On Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Characteristics and Maximun Ratings Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage b Test Condition VGS = 0V, ID = 250µA VGS(th) RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD Typ Max 60 VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VGS = VDS, ID = 250µA VGS = 10V, ID = 20A VDD = 30V, ID = 20A, VGS = 10V, RGEN = 4.7Ω VDS = 48V, ID = 20A, VGS = 4.5V VDS = 25V, VGS = 0V, f = 1.0 MHz VGS = 0V, IS = 20A 2815 235 165 19 10 75 12 38 20 150 24 32 7 18 42 62.5 1.2 pF pF pF ns ns ns ns nC nC nC A V 8 VGS = 4.5V, ID = 10A 10 13.5 mΩ Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature. b.Pulse Test : Pulse Width < 300µs, Duty Cycle < 2%. c.Guaranteed by design, not subject to production testing. d.L = 0.5mH, IAS =23A, VDD = 24V, RG = 25Ω, Starting TJ = 25 C |
Similar Part No. - CEP6086L |
|
Similar Description - CEP6086L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |