Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8278 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP8278_15 Datasheet HTML 5Page - Texas Instruments LMP8278_15 Datasheet HTML 6Page - Texas Instruments LMP8278_15 Datasheet HTML 7Page - Texas Instruments LMP8278_15 Datasheet HTML 8Page - Texas Instruments LMP8278_15 Datasheet HTML 9Page - Texas Instruments LMP8278_15 Datasheet HTML 10Page - Texas Instruments LMP8278_15 Datasheet HTML 11Page - Texas Instruments LMP8278_15 Datasheet HTML 12Page - Texas Instruments LMP8278_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LMP8278
+
-
Preamplifier
+IN
-IN
Output Buffer
Gain = 2
A1
A2
Gain = 7
Vs
Internal
Resistor
100 k:
OUT
Proprietary
Level Shift
Circuit
GND
LMP8278
www.ti.com
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
APPLICATION INFORMATION
GENERAL
The LMP8278 is a fixed gain differential voltage precision amplifier with a gain of 14x and a -2V to +40V input
common mode voltage range when operating from a single 5V supply. The LMP8278 is a member of the LMP™
family and is ideal for unidirectional current sensing applications. Because of its proprietary level-shift input stage
the LMP8278 achieves very low offset, very low thermal offset drift, and very high CMRR. The LMP8278
amplifies and filters small differential signals in the presence of high common mode voltages.
The LMP8278 uses level shift resistors at the inputs. Because of these resistors, the LMP8278 can easily
withstand very large differential input voltages that may exist in fault conditions where some other less protected
current sense amplifiers might sustain permanent damage.
The LMP8278 is available in an 8–Pin VSSOP package. For the VSSOP package, the pitch of the solder pads is
too narrow for reliable use at higher voltages (VCM > 25V). Therefore, it is strongly advised to add a conformal
coating on the PCB assembled with the LMP8278 in VSSOP package.
PERFORMANCE GUARANTIES
To guaranty the high performance of the LMP8278, minimum and maximum values shown in the Electrical
Characteristics of this datasheet are 100% tested and all bold limits are also 100% tested over temperature,
unless otherwise noted.
THEORY OF OPERATION
The schematic shown in Figure 20 gives a schematic representation of the internal operation of the LMP8278.
The signal on the input pins is typically a small differential voltage across a current sensing shunt resistor. The
input signal may appear at a high common mode voltage. The input signals are accessed through two input
resistors. The proprietary level shift circuit brings the common mode voltage behind the input resistors within the
supply rails. Subsequently, the signal is gained up by a factor of 7 and brought out on the A1 pin through a
trimmed 100 k
Ω resistor. In the application, additional gain adjustment or filtering components can be added
between the A1 and A2 pins as will be explained in subsequent sections. The signal on the A2 pin is further
amplified by a factor of 2 and brought out on the OUT pin.
Figure 20. Theory of Operation
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP8278


Similar Part No. - LMP8278_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8278 TI-LMP8278_15 Datasheet
920Kb / 22P
[Old version datasheet]   LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results

Similar Description - LMP8278_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
920Kb / 22P
[Old version datasheet]   LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com