Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8350 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP8350
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable Power Modes
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8350 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP8350_15 Datasheet HTML 5Page - Texas Instruments LMP8350_15 Datasheet HTML 6Page - Texas Instruments LMP8350_15 Datasheet HTML 7Page - Texas Instruments LMP8350_15 Datasheet HTML 8Page - Texas Instruments LMP8350_15 Datasheet HTML 9Page - Texas Instruments LMP8350_15 Datasheet HTML 10Page - Texas Instruments LMP8350_15 Datasheet HTML 11Page - Texas Instruments LMP8350_15 Datasheet HTML 12Page - Texas Instruments LMP8350_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
6.6-V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF = RG = 1 kΩ, Fully differential input, VS = +6.6
V, RL = 2 kΩ//20 pF differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
Output shorted to
Low Swing
–30
–49
mid-supply(7)
High Swing
54
83
High power
Low Swing
–19
–35
ISHORT Short-circuit current
mA
Mid power
High Swing
40
64
Low Swing
–6
–15
Low power
High Swing
15
27
High power
111
Power supply rejection ratio
PSRR
Mid power
117
dB
VS ±10%
Low power
127
TA = 25°C
14
16
VEN = 5.775
(8)
At the temperature extremes
18
TA = 25°C
7
9
IS
Supply current
VEN = 4.125
(8)
mA
At the temperature extremes
10
TA = 25°C
2
3
VEN = 2.475
(8)
At the temperature extremes
4
Disable voltage threshold(8)
<1.225
V
TA = 25°C
0.55
0.65
PD
Power-down mode
Shutdown current
mA
At the temperature extremes
0.7
Enable pin current
40
μA
High power
18
ten
Enable time
Mid power
22
ns
Low power
43
6.6-V AC CHARACTERISTICS
High power
116
Small signal bandwidth
SSBW
Mid power
85
MHz
200 mVp-p differential
Low power
29
High power
488
Slew rate
SR
Mid power
376
V/
μs
2 Vp-p differential(9)
Low power
166
High power
3.1
Rise time
trise
Mid power
4.2
ns
2 Vp-p differential
Low power
10.4
High power
3.0
Fall time
tfall
Mid power
4.0
ns
2 Vp-p differential
Low power
10.3
2-V step, CL = 20 pF
19
High power
0.1% settling time
ts
ns
2 Vp-p
Mid power
25
Low power
43
(7)
The short circuit test is a momentary test which applies to both single-supply and split-supply operation. Continuous short circuit
operation at elevated ambient temperature can exceed the maximum allowable junction temperature of 150°C. Positive number (+) is
sourcing, negative number (–) is sinking.
(8)
Enable voltage is referred to V- (negative supply voltage).
(9)
Slew Rate is the average of the rising and falling edges.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP8350


Similar Part No. - LMP8350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8350 NSC-LMP8350_14 Datasheet
968Kb / 31P
   LMP8350 Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
logo
Texas Instruments
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results

Similar Description - LMP8350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8350 NSC-LMP8350_14 Datasheet
968Kb / 31P
   LMP8350 Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
logo
Texas Instruments
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4940-1 AD-ADA4940-1_18 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com