Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIT80-4 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # FIT80-4
Description  Switch mode/High Frequency Toroidal Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FIT80-4 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FIT80-4 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Switchmode/High Frequency
Toroidal Inductor
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
LEADS TINNED TO
D
A
B
E
C
F
G (DIA.)
MTG SURFACE MIN.
FIT80-4
Description:
The FIT80-4 toroidal inductor is specifically designed to minimize transients.
It stores energy and therefore, conditions the output signal by leveling the current
waveform providing a more stable current supply. Generally used in high frequency
circuits, its standard design provides an economical solution in differential mode
applications or as an output inductor.
Electrical Specifications (@25C):
Min. Inductance (µH)
Rated
DC Amps
Max
DCR (mΩ)
No Bias
At Bias
65.04
31.60
6.8
32.8
Note: No Bias inductance measured at .25V, 10KHZ.
Dimensions:
A
B
C
D
E
F
G
.975
.625
1.10
.450
.624
.125
.036±.003
Units: In inches
Weight: .045 lbs.
Technical Notes:
1.
Nominal inductance values are typically 10% higher than minimal rating.
2.
Biased inductance measured at rated DC amps.
3.
Operation at rated current yields approximately 40°C temperature rise
over 20°C ambient.
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.


Similar Part No. - FIT80-4

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FIT80-1 TRIAD-FIT80-1 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT80-2 TRIAD-FIT80-2 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT80-3 TRIAD-FIT80-3 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT80-5 TRIAD-FIT80-5 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT80-6 TRIAD-FIT80-6 Datasheet
128Kb / 1P
   Switchmode/High Frequency Toroidal Inductor
More results

Similar Description - FIT80-4

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FIT80-5 TRIAD-FIT80-5 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT50-4 TRIAD-FIT50-4 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT68-1 TRIAD-FIT68-1 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT68-6 TRIAD-FIT68-6 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT50-3 TRIAD-FIT50-3 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT106-5 TRIAD-FIT106-5 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT50-2 TRIAD-FIT50-2 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT44-1 TRIAD-FIT44-1 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT50-5 TRIAD-FIT50-5 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
FIT50-6 TRIAD-FIT50-6 Datasheet
128Kb / 1P
   Switch mode/High Frequency Toroidal Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com