Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3653B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3653B
Description  VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3653B Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3653B Datasheet HTML 1Page - NXP Semiconductors TDA3653B Datasheet HTML 2Page - NXP Semiconductors TDA3653B Datasheet HTML 3Page - NXP Semiconductors TDA3653B Datasheet HTML 4Page - NXP Semiconductors TDA3653B Datasheet HTML 5Page - NXP Semiconductors TDA3653B Datasheet HTML 6Page - NXP Semiconductors TDA3653B Datasheet HTML 7Page - NXP Semiconductors TDA3653B Datasheet HTML 8Page - NXP Semiconductors TDA3653B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
March 1991
2
Philips Semiconductors
Product specification
Vertical deflection and guard circuit
(90˚)
TDA3653B
TDA3653C
GENERAL DESCRIPTION
The TDA3653B/C is a vertical deflection output circuit for drive of various deflection systems with currents up to
1.5 A peak-to-peak.
Features
• Driver
• Output stage
• Thermal protection and output stage protection
• Flyback generator
• Voltage stabilizer
• Guard circuit
QUICK REFERENCE DATA
Note to the quick reference data
1. The maximum supply voltage should be chosen such that during flyback the voltage at pin 5 does not exceed 60 V.
PACKAGE OUTLINES
TDA3653B: 9-lead SIL; plastic (SOT110B); SOT110-1; 1996 November 25.
TDA3653C: 9-lead SIL; plastic power (SOT131); SOT131-2 November 25.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (note 1)
Supply voltage range
pin 9
VP = V9-4
10
40
V
pin 6
V6-4
−−
60
V
Output (pin 5)
Peak output voltage during flyback
V5-4M
−−
60
V
Output current
I5(p-p)
1.2
1.5
A
Operating junction temperature range
Tj
−25
−+150
°C
Thermal resistance junction to mounting base
(SOT110B)
Rth j-mb
10
K/W
(SOT131)
Rth j-mb
3.5
K/W


Similar Part No. - TDA3653B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   Vertical deflection and guard circuit 90째
March 1991
More results

Similar Description - TDA3653B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   Vertical deflection and guard circuit 90째
March 1991
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
KODENSHI_AUK CORP.
KKA3654 KODENSHI-KKA3654 Datasheet
192Kb / 5P
   VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
logo
NXP Semiconductors
TDA3654 PHILIPS-TDA3654 Datasheet
118Kb / 14P
   Vertical deflection and guard circuit 110째
March 1991
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com