Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G525 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G525
Description  USB High-Side Power Switch Advance Information
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G525 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G525_15 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver 2.2
Mar 19, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G525
Global Mixed-mode Technology Inc.
USB High-Side Power Switch Advance Information
Features
Compliant to USB standard
Typical 130m
Ω, Low MOSFET on resistance, at
5.0V
500mA minimum continuous load current
3.0V to 5.5V operating range
100µA typical on-state supply current
25µA typical standby supply current
Output can be forced higher than input when
operating in off state.
1.2A maximum current limit
Thermal shutdown protection
2.4V typical undervoltage lockout (UVLO)
Open-drain fault flag pin
Slow turn-on (soft-start) and fast turnoff
Logic level enable pin, available with active-
high or active-low version
Applications
High-side power protection switch
USB power management
USB host and self-powered hubs
USB Bus-powered hubs
Hot plug-in power supplies
Battery-charger circuits
General Description
The G525 is an integrated high-side power switch op-
timized for self-powered and bus-powered Universal
Serial Bus (USB) applications.
The G525 satisfies the USB standards. The switch's
low on-resistance meets USB voltage drop require-
ments. When the output load exceeds current-limit
threshold, G525 switches into constant mode and limit
the output current to a safe level, which is typically
900mA, well below the UL 25VA safety requirement. An
open-drain flag output is also available to indicate fault
conditions to the local USB controller. Soft start elimi-
nates the momentary voltage drop on the upstream
port that may occur when the switch is enabled in
bus-powered applications.
Besides, a thermal shutdown circuit is included to pre-
vent catastrophic switch failure caused by increasing
power dissipation when continuous heavy loads or
short circuit occurs. A undervoltage lockout (UVLO)
circuit ensures that the device remains off unless there
is a valid input voltage present, and an enable input
that is compatible with both 3.3V and 5V logic.
Ordering Information
ORDER
NUMBER
MARKING
ENABLE
TEMP. RANGE
PACKAGE
(Pb free)
G525-1
G525-1
Active High
-40°C to +85°C
SOP-8
G525-2
G525-2
Active Low
-40°C to +85°C
SOP-8
G525-1P81U
G525-1
Active High
-40°C to +85°C
MSOP-8
G525-2P81U
G525-2
Active Low
-40°C to +85°C
MSOP-8
Note: P1: SOP-8
P8: MSOP-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Function Block
G525
Gate
Control
(EN) 1
(FLG) 2
6,8 (OUT)
7 (IN)
3 (GND)
EN
FLG
GND
NC
8
6
5
1
2
3
4
SOP-8/MSOP-8
G525
7
OUT
IN
NC
OUT
G525
Gate
Control
(EN) 1
(FLG) 2
6,8 (OUT)
7 (IN)
3 (GND)
EN
FLG
GND
NC
8
6
5
1
2
3
4
SOP-8/MSOP-8
G525
7
OUT
IN
NC
OUT


Similar Part No. - G525_15

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G525-1 GMT-G525-1 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525-1P81U GMT-G525-1P81U Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525A1 GMT-G525A1 Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
More results

Similar Description - G525_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G528 GMT-G528 Datasheet
194Kb / 8P
   USB High-Side Power Switch Advance Information
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
   Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com