Electronic Components Datasheet Search |
|
LMT70AYFQR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
LMT70AYFQR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 29 page VDD GND VDD GND VSENSE T_ON T_ON TAO (B1) GND (A1) T_ON (B2) VDD (A2) LMT70 LMT70, LMT70A www.ti.com SNIS187A – MARCH 2015 – REVISED JULY 2015 6 Device Comparison Table Order Number Matching Specification Provided(1) LMT70YFQR, LMT70YFQT No LMT70AYFQR, LMT70AYFQT Yes, 0.1°C at approximately 30°C(1) (1) In order to meet the matching specification of the LMT70A, two units must be picked from adjacent positions from one tape and reel. If PCB rework is required, involving the LMT70A, then the pair of the LMT70A matched units must be replaced. Matching features (which include, without limitation, electrical matching characteristics of adjacent Components as they are delivered in original packaging from TI) are warranted solely to the extent that the purchaser can demonstrate to TI’s satisfaction that the particular Component(s) at issue were adjacent in original packaging as delivered by TI. Customers should be advised that the small size of these Components means they are not individually traceable at the unit level and it may be difficult to establish the original position of the Components once they have been removed from that original packaging as delivered by TI. 7 Pin Configuration and Functions DSBGA or WLCSP 4 Pins YFQ (Top View) Pin Functions PIN TYPE EQUIVALENT CIRCUIT DESCRIPTION NAME NO. GND A1 Ground Ground reference for the device VDD A2 Power Supply voltage Analog TAO B1 Temperature analog output pin Output T_ON pin. Active High input. If T_ON = 0, then the TAO output is open. T_ON B2 Digital Input If T_ON = 1, then TAO pin is connected to the temperature output voltage. Tie this pin to VDD if not used. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LMT70 LMT70A |
Similar Part No. - LMT70AYFQR |
|
Similar Description - LMT70AYFQR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |