Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT70AYFQT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMT70AYFQT
Description  Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT70AYFQT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT70AYFQT Datasheet HTML 7Page - Texas Instruments LMT70AYFQT Datasheet HTML 8Page - Texas Instruments LMT70AYFQT Datasheet HTML 9Page - Texas Instruments LMT70AYFQT Datasheet HTML 10Page - Texas Instruments LMT70AYFQT Datasheet HTML 11Page - Texas Instruments LMT70AYFQT Datasheet HTML 12Page - Texas Instruments LMT70AYFQT Datasheet HTML 13Page - Texas Instruments LMT70AYFQT Datasheet HTML 14Page - Texas Instruments LMT70AYFQT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LMT70
Thermal Diodes
TAO
VDD
GND
T_ON
LMT70, LMT70A
www.ti.com
SNIS187A – MARCH 2015 – REVISED JULY 2015
9 Detailed Description
9.1 Overview
The LMT70 is a precision analog output temperature sensor. It includes an output switch that is controlled by the
T_ON digital input. The output switch enables the multiplexing of several devices onto a single ADC input thus
expanding on the ADC input multiplexer capability.
The temperature sensing element is comprised of simply stacked BJT base emitter junctions that are biased by a
current source. The temperature sensing element is then buffered by a precision amplifier before being
connected to the output switch. The output amplifier has a simple class AB push-pull output stage that enables
the device to easily source and sink current.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Temperature Analog Output (TAO)
The TAO push-pull output provides the ability to sink and source current. This is beneficial when, for example,
driving dynamic loads like an input stage on an analog-to-digital converter (ADC). In these applications the
source current is required to quickly charge the input capacitor of the ADC. See the Typical Application section
for more discussion of this topic. The LMT70 is ideal for this and other applications which require strong source
or sink current.
9.3.1.1 LMT70 Output Transfer Function
The LMT70 output voltage transfer function appears to be linear, but upon close inspection it can be seen that it
is truly not linear and can be better described by a second or third order transfer function equation.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMT70 LMT70A


Similar Part No. - LMT70AYFQT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMT70.3P02K LEIDITECH-LMT70.3P02K Datasheet
411Kb / 3P
   P- Channel MOSFMT
LMT70.66P02K LEIDITECH-LMT70.66P02K Datasheet
628Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LMT70AYFQT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
   44006RC Precision Epoxy NTC Thermistor
Rev A
logo
List of Unclassifed Man...
MF51-A ETC2-MF51-A Datasheet
252Kb / 2P
   MF51 Precision Glass Encapsulated NTC Thermistor for Temperature Measurement
logo
Zentrum Mikroelektronik...
TSIC ZMD-TSIC Datasheet
261Kb / 2P
   High Precision Temperature Sensor IC
logo
List of Unclassifed Man...
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
   MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
logo
Maxim Integrated Produc...
MAX6698 MAXIM-MAX6698 Datasheet
321Kb / 24P
   7-Channel Precision Remote-Diode, Thermistor, and Local Temperature Monitor
Rev 3; 8/07
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com