Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT84QDCKRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84QDCKRQ1
Description  1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT84QDCKRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LMT84QDCKRQ1 Datasheet HTML 1Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 2Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 3Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 4Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 5Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 6Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 7Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 8Page - Texas Instruments LMT84QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
VDD
GND
LMT84, LMT84-Q1
SNIS167C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
Pin Functions
PIN
DESCRIPTION
DCK
LP
LPC
LABEL
TYPE
EQUIVALENT CIRCUIT
FUNCTION
NUMBER
NUMBER
NUMBER
GND
5
Ground
Power Supply Ground
GND
1
Ground
Power Supply Ground
Analog
Outputs a voltage which is inversely
OUT
3
Output
proportional to temperature
See Pin
See Pin
Diagram
Diagram
VDD
4
Power
Positive Supply Voltage
GND
2
Ground
Power Supply Ground, (direct
connection to the back side of the
die)
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Supply Voltage
−0.3
6
V
Voltage at Output Pin
−0.3
(VDD + 0.5)
V
Output Current
-7
7
mA
Input Current at any pin(3)
-5
5
mA
Maximum Junction Temperature (TJMAX)
150
°C
Storage temperature Tstg
−65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specified specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(3)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V), the current at that pin should be limited to 5 mA.
7.2 ESD Ratings - Commercial
VALUE
UNIT
Human Body Model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins. (1)
±2500
Applies for TO-92 package LMT84LP.
Human Body Model (HBM), per JESD22-A114, all pins. Applies for
±2500
V
SC70 package LMT84DCK.
V(ESD)
Electrostatic discharge
Charged Device Model (CDM), per JEDEC specification JESD22-C101,
±1000
all pins. (2) Applies for all parts.
Machine Model ESD stress voltage, per JEDEC specification JESD22-
±250
V
A115 (3) Applies for SC70 package LMT84DCK.
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
The machine model is 200 pF capacitor discharged directly into each pin.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT84 LMT84-Q1


Similar Part No. - LMT84QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84QDCKRQ1 TI-LMT84QDCKRQ1 Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84QDCKRQ1 TI1-LMT84QDCKRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT84QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com