Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT84QDCKTQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84QDCKTQ1
Description  1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT84QDCKTQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LMT84QDCKTQ1 Datasheet HTML 1Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 2Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 3Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 4Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 5Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 6Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 7Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 8Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LMT84, LMT84-Q1
www.ti.com
SNIS167C – MARCH 2013 – REVISED OCTOBER 2015
7.3 ESD Ratings - Automotive
VALUE
UNIT
Human-body model (HBM), per JESD22-A114, all
±2500
pins. (1) Applies for SC70 package LMT84DCK-Q1.
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC
specification JESD22-C101, all pins. (2) Applies for
±1000
SC70 package LMT84DCK-Q1.
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.4 Recommended Operating Conditions
MIN
MAX
UNIT
Specified Temperature Range:
TMIN ≤ TA ≤ TMAX
°C
−50 ≤ TA ≤ 150
°C
Supply Voltage Range (VDD)
1.5
5.5
V
7.5 Thermal Information
(1)
LMT84/
LMT84
LMT84-Q1
THERMAL METRIC(2)
UNIT
DCK
LP
5 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance (3)(4)
275
167
RθJC(top)
Junction-to-case (top) thermal resistance
84
90
RθJB
Junction-to-board thermal resistance
56
146
°C/W
ψJT
Junction-to-top characterization parameter
1.2
35
ψJB
Junction-to-board characterization parameter
55
146
(1)
For information on self-heating and thermal response time see section Mounting and Thermal Conductivity.
(2)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(3)
The junction to ambient thermal resistance (RθJA) under natural convection is obtained in a simulation on a JEDEC-standard, High K
board as specified in JESD51-7, in an environment described in JESD51-2. Exposed pad packages assume that thermal vias are
included in the PCB, per JESD 51-5.
(4)
Changes in output due to self heating can be computed by multiplying the internal dissipation by the thermal resistance.
7.6 Accuracy Characteristics
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
70°C to 150°C; VDD = 1.5 V to 5.5 V
-2.7
±0.6
2.7
°C
0°C to 70°C; VDD = 1.5 V to 5.5 V
-2.7
±0.9
2.7
°C
Temperature Accuracy
(3)
–50°C to 0°C; VDD = 1.6 V to 5.5 V
-2.7
±0.9
2.7
°C
–50°C to 150°C; VDD = 2.3 V to 5.5 V
±0.4
°C
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified
conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified
conditions. Accuracy limits do not include load regulation; they assume no DC load.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMT84 LMT84-Q1


Similar Part No. - LMT84QDCKTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84QDCKTQ1 TI-LMT84QDCKTQ1 Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84QDCKTQ1 TI1-LMT84QDCKTQ1 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT84QDCKTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com